Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC10 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC10
Description  High-Speed CMOS Logic Triple 3-Input NAND Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC10 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC10 Datasheet HTML 1Page - Texas Instruments CD54HC10 Datasheet HTML 2Page - Texas Instruments CD54HC10 Datasheet HTML 3Page - Texas Instruments CD54HC10 Datasheet HTML 4Page - Texas Instruments CD54HC10 Datasheet HTML 5Page - Texas Instruments CD54HC10 Datasheet HTML 6Page - Texas Instruments CD54HC10 Datasheet HTML 7Page - Texas Instruments CD54HC10 Datasheet HTML 8Page - Texas Instruments CD54HC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Functional Diagram
Logic Symbol
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nC
nY
LLL
H
LL
H
H
LHLH
L
HHH
HL
LH
HLH
H
HH
L
H
HHH
L
H = High Voltage Level, L = Low Voltage Level
1A
1B
2B
2C
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
3C
3Y
3B
1Y
1C
10
8
7
9
3A
2A
nA
nC
nY
nB
CD54HC10, CD74HC10, CD54HCT10, CD74HCT10


Similar Part No. - CD54HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10 TI-CD54HC10 Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10 TI1-CD54HC10 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC107 TI-CD54HC107 Datasheet
266Kb / 11P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results

Similar Description - CD54HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10 TI-CD54HC10_03 Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT10 KODENSHI-KK74ACT10 Datasheet
210Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com