Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK436W-200A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK436W-200A
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK436W-200A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK436W-200A Datasheet HTML 1Page - NXP Semiconductors BUK436W-200A Datasheet HTML 2Page - NXP Semiconductors BUK436W-200A Datasheet HTML 3Page - NXP Semiconductors BUK436W-200A Datasheet HTML 4Page - NXP Semiconductors BUK436W-200A Datasheet HTML 5Page - NXP Semiconductors BUK436W-200A Datasheet HTML 6Page - NXP Semiconductors BUK436W-200A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK436W-200A/B
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 19 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
0
10
20
30
40
QG / nC
VGS / V
12
10
8
6
4
2
0
VDS / V =40
160
BUK456-200
0
1
2
BUK456-200A
VSDS / V
IF / A
40
30
20
10
0
Tj / C = 150
25
July 1997
5
Rev 1.000


Similar Part No. - BUK436W-200A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK436W-1000B PHILIPS-BUK436W-1000B Datasheet
53Kb / 7P
   PowerMOS transistor
March 1998 Rev 1.000
BUK436W-800A PHILIPS-BUK436W-800A Datasheet
69Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK436W-800B PHILIPS-BUK436W-800B Datasheet
69Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
More results

Similar Description - BUK436W-200A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com