Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF6401B-70-4I-EK Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST39VF6401B-70-4I-EK
Description  64 Mbit (x16) Multi-Purpose Flash Plus
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6401B-70-4I-EK Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF6401B-70-4I-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6401B-70-4I-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Data Sheet
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
©2006 Silicon Storage Technology, Inc.
S71288-02-000
7/06
Data Protection
The SST39VF640xB provide both hardware and software
features to protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Hardware Block Protection
The SST39VF6402B support top hardware block protec-
tion, which protects the top 32 KWord block of the device.
The SST39VF6401B support bottom hardware block pro-
tection, which protects the bottom 32 KWord block of the
device. The Boot Block address ranges are described in
Table 2. Program and Erase operations are prevented on
the 32 KWord when WP# is low. If WP# is left floating, it is
internally held high via a pull-up resistor, and the Boot
Block is unprotected, enabling Program and Erase opera-
tions on that block.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the
device to read array data. When the RST# pin is held low
for at least TRP, any in-progress operation will terminate and
return to Read mode. When no internal Program/Erase
operation is in progress, a minimum period of TRHR is
required after RST# is driven high before a valid Read can
take place (see Figure 15).
The Erase or Program operation that has been interrupted
needs to be reinitiated after the device resumes normal
operation mode to ensure data integrity.
Software Data Protection (SDP)
The SST39VF640xB provide the JEDEC approved Soft-
ware Data Protection scheme for all data alteration opera-
tions, i.e., Program and Erase. Any Program operation
requires the inclusion of the three-byte sequence. The
three-byte load sequence is used to initiate the Program
operation, providing optimal protection from inadvertent
Write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of
six-byte sequence. These devices are shipped with the
Software Data Protection permanently enabled. See Table
6 for the specific software command codes. During SDP
command sequence, invalid commands will abort the
device to read mode within TRC. The contents of DQ15-DQ8
can be VIL or VIH, but no other value, during any SDP com-
mand sequence.
Common Flash Memory Interface (CFI)
The SST39VF640xB also contain the CFI information to
describe the characteristics of the device. In order to enter
the CFI Query mode, the system must write three-byte
sequence, same as product ID entry command with 98H
(CFI Query command) to address 555H in the last byte
sequence. Once the device enters the CFI Query mode,
the system can read CFI data at the addresses given in
Tables 7 through 9. The system must write the CFI Exit
command to return to Read mode from the CFI Query
mode.
TABLE
2: BOOT BLOCK ADDRESS RANGES
Product
Address Range
Bottom Boot Block
SST39VF6401B
000000H-007FFFH
Top Boot Block
SST39VF6402B
3F8000H-3FFFFFH
T2.0 1288


Similar Part No. - SST39VF6401B-70-4I-EK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B-70-4I-EKE MICROCHIP-SST39VF6401B-70-4I-EKE Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF6401B-70-4I-EKE MICROCHIP-SST39VF6401B-70-4I-EKE Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results

Similar Description - SST39VF6401B-70-4I-EK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com