Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PMT58AT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1PMT58AT3G
Description  Zener Transient Voltage Suppressor POWERMITE Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT58AT3G Datasheet(HTML) 1 Page - ON Semiconductor

  1PMT58AT3G Datasheet HTML 1Page - ON Semiconductor 1PMT58AT3G Datasheet HTML 2Page - ON Semiconductor 1PMT58AT3G Datasheet HTML 3Page - ON Semiconductor 1PMT58AT3G Datasheet HTML 4Page - ON Semiconductor 1PMT58AT3G Datasheet HTML 5Page - ON Semiconductor 1PMT58AT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 9
1
Publication Order Number:
1PMT5.0AT3/D
1PMT5.0AT1/T3 Series
Zener Transient
Voltage Suppressor
POWERMITE® Package
The 1PMT5.0AT1/T3 Series is designed to protect voltage
sensitive components from high voltage, high energy transients.
Excellent clamping capability, high surge capability, low Zener
impedance and fast response time. The advanced packaging
technique provides for a highly efficient micro miniature, space
saving surface mount with its unique heatsink design. The
POWERMITE has the same thermal performance as the SMA while
being 50% smaller in footprint area, and delivering one of the lowest
height profiles (1.1 mm) in the industry. Because of its small size, it
is ideal for use in cellular phones, portable devices, business
machines, power supplies and many other industrial/consumer
applications.
Specification Features:
Stand−off Voltage: 5.0 V − 58 V
Peak Power − 200 W @ 1 ms (1PMT5.0A − 1PMT36A)
− 175 W @ 1 ms (1PMT40A − 1PMT58A)
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body Model
Low Profile − Maximum Height of 1.1 mm
Integral Heatsink/Locking Tabs
Full Metallic Bottom Eliminates Flux Entrapment
Small Footprint − Footprint Area of 8.45 mm2
POWERMITE is JEDEC Registered as DO−216AA
Lead Orientation in Tape: Cathode (Short) Lead to Sprocket Holes
Cathode Indicated by Polarity Band
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MOUNTING POSITION:
Any
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSOR
5 − 58 V
200 W PEAK POWER
Device
Package
Shipping
ORDERING INFORMATION
1PMTxxAT1
POWERMITE
3,000/Tape & Reel
POWERMITE
CASE 457
PLASTIC
12
1: CATHODE
2: ANODE
1
2
1PMTxxAT3
POWERMITE
12,000/Tape & Reel
1PMTxxAT3G
POWERMITE
(Pb−Free)
12,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1PMTxxAT1G
POWERMITE
(Pb−Free)
3,000/Tape & Reel
MARKING DIAGRAM
1
CATHODE
2
ANODE
M
= Date Code
Mxx
= Specific Device Code
(See Table on Page 3)
G
= Pb−Free Package
Mxx
G
M


Similar Part No. - 1PMT58AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT58AT3 ONSEMI-1PMT58AT3 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
More results

Similar Description - 1PMT58AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
Microsemi Corporation
3PMT5 MICROSEMI-3PMT5 Datasheet
491Kb / 3P
   POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
logo
ON Semiconductor
MA3075WALT1 ONSEMI-MA3075WALT1 Datasheet
51Kb / 8P
   Zener Transient Voltage Suppressor
January, 2002 ??Rev. 1
DF3A6.8FUT1 ONSEMI-DF3A6.8FUT1 Datasheet
49Kb / 4P
   Zener Transient Voltage Suppressor
July, 2004 ??Rev. 1
MA3075WALT1G ONSEMI-MA3075WALT1G Datasheet
90Kb / 4P
   Zener Transient Voltage Suppressor
October, 2016 ??Rev. 3
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF5.0AT1 ONSEMI-SMF5.0AT1 Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
   High Power Transient Voltage Suppressor and Zener
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com