Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50030 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL50030
Description  Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50030 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL50030 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50030 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
ZL50030
Data Sheet
2
Zarlink Semiconductor Inc.
The ZL50030 supports all three of the H.110 specification required clocking modes: Primary Master, Secondary
Master and Slave.
Figure 1 - Functional Block Diagram
Test Port
Output
Mux
Backplane Data Memory
VSS
VDD
RESET
Interface
Backplane
Converter
P/S
&
S/P
C20i
LSTio0
LSTio15
(4,096 channels)
Local Connection Memory
ODE
P/S
Local
Interface
BSTio0
BSTio31
(2,048 locations)
Local Data Memory
(2,048 channels)
Backplane Connection Memory
(4,096 locations)
Internal Registers &
Microprocessor Interface
Output
Mux
APLL
DPLL
Local Interface
Timing Unit
ST_FPo0
ST_CKo0
VDD5V
ST_FPo1
ST_CKo1
PCI_OE
&
P/S
Converter


Similar Part No. - ZL50030

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030GAC ZARLINK-ZL50030GAC Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
More results

Similar Description - ZL50030

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50031 ZARLINK-ZL50031 Datasheet
765Kb / 74P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 2 K x 2 K Local Switch
MT90866 ZARLINK-MT90866 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
ZL50017_0611 ZARLINK-ZL50017_0611 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017 ZARLINK-ZL50017 Datasheet
500Kb / 51P
   1 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
logo
Zarlink Semiconductor I...
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com