Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA032D03DCA Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA032D03DCA
Description  10-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D03DCA Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA032D03DCA Datasheet HTML 5Page - Texas Instruments TPA032D03DCA Datasheet HTML 6Page - Texas Instruments TPA032D03DCA Datasheet HTML 7Page - Texas Instruments TPA032D03DCA Datasheet HTML 8Page - Texas Instruments TPA032D03DCA Datasheet HTML 9Page - Texas Instruments TPA032D03DCA Datasheet HTML 10Page - Texas Instruments TPA032D03DCA Datasheet HTML 11Page - Texas Instruments TPA032D03DCA Datasheet HTML 12Page - Texas Instruments TPA032D03DCA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TPA032D03
10W MONO CLASSD AUDIO POWER AMPLIFIER
SLOS283B − DECEMBER 1999 − REVISED JUNE 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
INP
INN
COMP
VDD
COSC
AGND
PVDD
SHUTDOWN
HPREG
V2P5
HPLIN
HPLOUT
HPVCC
HPROUT
HPRIN
PGND
30
µH
30
µH
0.1
µF
0.1
µF
1
µF
8
1
µF
1
µF
Balanced
Differential
Input Signal
1000 pF
1000 pF
HPDR
HPDL
CP1
CP2
VCP
FAULT0
FAULT1
MODE
MUTE
1
µF
OUTP
OUTN
47 nF
0.1
µF
42
1
2
3
5
4
6
48
7,20,46,47
12,13,27,36,37
9, 16, 21, 28, 33, 40
19
30
32
41
14,15
10,11
29
8
18
31
17
26
23
24
25
22
12 V
HPREG
12 V
500 k
100 k
To
HPREG
HPREG
To HPVCC
0.1
µF
Figure 2. 12-V, 8-
Ω Test Circuit


Similar Part No. - TPA032D03DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03DCA TI-TPA032D03DCA Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA032D03DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01 Datasheet
309Kb / 22P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com