Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PMT24AT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1PMT24AT3
Description  Zener Transient Voltage Suppressor POWERMITE Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT24AT3 Datasheet(HTML) 5 Page - ON Semiconductor

  1PMT24AT3 Datasheet HTML 1Page - ON Semiconductor 1PMT24AT3 Datasheet HTML 2Page - ON Semiconductor 1PMT24AT3 Datasheet HTML 3Page - ON Semiconductor 1PMT24AT3 Datasheet HTML 4Page - ON Semiconductor 1PMT24AT3 Datasheet HTML 5Page - ON Semiconductor 1PMT24AT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1PMT5.0AT1/T3 Series
http://onsemi.com
5
Figure 5. Typical Derating Factor for Duty Cycle
1 ms
10
ms
1
0.7
0.5
0.3
0.05
0.1
0.2
0.01
0.02
0.03
0.07
100
ms
0.1 0.2
0.5
2
5
10
50
1
20
100
D, DUTY CYCLE (%)
PULSE WIDTH
10 ms
Figure 6. Steady State Power Derating
1.2
1.0
0.8
0.6
0.4
0.2
0
−55
25
85
150
T, TEMPERATURE (
°C)
Figure 7. Forward Voltage
25
50
75
100
125
175
3.5
2.5
2
1.5
1
0
T, TEMPERATURE (
°C)
0.5
TL
150
3
10,000
1000
100
10
110
100
WORKING PEAK REVERSE VOLTAGE (VOLTS)
Figure 8. Capacitance versus Working Peak
Reverse Voltage
MEASURED @ 50% VRWM
MEASURED @ ZERO BIAS


Similar Part No. - 1PMT24AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT24AT3 ONSEMI-1PMT24AT3 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
More results

Similar Description - 1PMT24AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
Microsemi Corporation
3PMT5 MICROSEMI-3PMT5 Datasheet
491Kb / 3P
   POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
logo
ON Semiconductor
MA3075WALT1 ONSEMI-MA3075WALT1 Datasheet
51Kb / 8P
   Zener Transient Voltage Suppressor
January, 2002 ??Rev. 1
DF3A6.8FUT1 ONSEMI-DF3A6.8FUT1 Datasheet
49Kb / 4P
   Zener Transient Voltage Suppressor
July, 2004 ??Rev. 1
MA3075WALT1G ONSEMI-MA3075WALT1G Datasheet
90Kb / 4P
   Zener Transient Voltage Suppressor
October, 2016 ??Rev. 3
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF5.0AT1 ONSEMI-SMF5.0AT1 Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
   High Power Transient Voltage Suppressor and Zener
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com