Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50018 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL50018
Description  2 K Digital Switch with Enhanced Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50018 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL50018_06 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50018_06 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
ZL50018
Data Sheet
11
Zarlink Semiconductor Inc.
1.0
Pinout Diagrams
1.1
BGA Pinout
Figure 2 - ZL50018 256-Ball 17 mm x 17 mm PBGA (as viewed through top of package)
1
2
34
56
78
9
10
11
12
13
14
15
16
A
VSS
STi29
STi28
STi27
STi25
STi26
STi24
NC
NC
STio22
STio23
STio21
STio20
NC
NC
VSS
A
B STi31
STi10
STi5
STi4
CKo2
STi0
CKo0
REF2
VDD_
COREA
FPi
CKi
IC_
OPEN
IC_
OPEN
OSCi
ODE
STio19
B
C STi30
STi9
VSS
STi7
STi6
STi1
CKo1
REF_
FAIL2
VSS
IC_
OPEN
IC_
OPEN
OSCo
IC_GND
VSS
STio15
STio18
C
D STi17
STi11
VDD_IO
STi3
STi2
CKo4
REF3
REF1
REF_
FAIL0
VSS
FPo_
OFF1
OSC_
EN
STio13
VDD_IO
STio14
STio16
D
E STi16
STi14
STi8
VDD_IO
VSS
VDD_
CORE
REF_
FAIL3
REF_
FAIL1
REF0
NC
VDD_
CORE
VSS
VDD_IO
STio12
FPo2
STio17
E
F STi19
STi15
STi12
STi13
VDD_IO
VDD_
CORE
VDD_
CORE
VSS
VSS
VDD_
CORE
VDD_
CORE
VDD_IO
IC_
OPEN
FPo3
FPo_
OFF2
STOHZ15 F
G STi18
RESET
IC_GND
IC_
OPEN
TDo
VDD_IO
VSS
VSS
VSS
VSS
VDD_IO
A12
A13
FPo1
FPo0
STOHZ14 G
H STi21
VSS
VSS
VDD_
COREA
CKo5
VSS
VSS
VSS
VSS
VSS
A7
A9
A10
FPo_
OFF0
A11
STOHZ12 H
J STi20
VDD_IOA VDD_IOA
VSS
VSS
CKo3
VSS
VSS
VSS
VSS
A3
A4
A5
A8
A6
STOHZ13 J
K STi22
VSS
TMS
VSS
VDD_
COREA
VDD_IO
VSS
VSS
VSS
VSS
VDD_IO
IC_
OPEN
A0
A2
A1
STOHZ11 K
L STi23
VDD_
COREA
TRST
TCK
VDD_IO
VDD_
CORE
VDD_
CORE
VSS
VSS
VDD_
CORE
VDD_
CORE
VDD_IO
STio10
STio11
STio9
STOHZ10 L
M STio25
NC
TDi
D0
VSS
VDD_
CORE
VDD_
CORE
D6
D10
VDD_
CORE
VDD_
CORE
VSS
MOT
_INTEL
MODE_
4M0
STio8
STOHZ9 M
N STio24
NC
VDD_IO
STio0
STOHZ3
D1
D5
D7
D11
D13
R/W
_WR
DTA_
RDY
STio4
VDD_IO STOHZ5 STOHZ8 N
P STio26
NC
VSS
STio1
STio3
STOHZ1
D3
D8
D14
IRQ
STio5
STOHZ4 STOHZ6
VSS
STOHZ7
NC
P
R STio27
NC
STOHZ0
STio2
STOHZ2
D2
D4
D9
D12
D15
CS
DS_RD
MODE_
4M1
STio6
STio7
NC
R
T
VSS
STio28
STio29
STio31
STio30
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VSS
T
1
2
34
56
78
9
10
11
12
13
14
15
16
Note: A1 corner identified by metallized marking.
Note: Pinout is shown as viewed through top of package.


Similar Part No. - ZL50018_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018GAC ZARLINK-ZL50018GAC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018QCC ZARLINK-ZL50018QCC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results

Similar Description - ZL50018_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com