Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL49021 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL49021
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL49021 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL49021 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL49021 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ZL49010/11, ZL49020/21, ZL49030/31
Data Sheet
2
Zarlink Semiconductor Inc.
specific call progress signals. The ZL4902x and ZL4903x can be used with a crystal or a ceramic resonator without
additional components. A power-down option is provided for the ZL4901x and ZL4903x.
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
4903xDD
4903xDC
4902x
4901x
32
1
1
INPUT
DTMF/CP Input. Input signal must be AC coupled via
capacitor.
64
2
-
OSC2
Oscillator Output.
76
3
3
OSC1
(CLK)
Oscillator/Clock Input. This pin can either be driven by:
1)
an external digital clock with defined input logic
levels. OSC2 should be left open.
2)
connecting a crystal or ceramic resonator between
OSC1 and OSC2 pins.
89
4
4
VSS
Ground. (0 V)
13
11
5
5
SD
Serial Data/Call Progress Output. This pin serves the
dual function of being the serial data output when clock
pulses are applied after validation of DTMF signal, and
also indicates the cadence of call progress input. As
DTMF signal lies in the same frequency band as call
progress signal, this pin may toggle for DTMF input. The
SD pin is at logic low in powerdown state.
14
13
6
6
ACK
Acknowledge Pulse Input. After ESt or DStD is high,
applying a sequence of four pulses on this pin will then
shift out four bits on the SD pin, representing the decoded
DTMF digit. The rising edge of the first clock is used to
latch the 4-bit data prior to shifting. This pin is pulled
down internally. The idle state of the ACK signal should
be low.
10
18
17
16
15
14
13
12
11
VDD
NC
NC
ESt/DStD
NC
ACK
NC
SD
NC
1
2
3
4
5
6
7
8
9
NC
INPUT
PWDN
OSC2
NC
OSC1
NC
NC
VSS
INPUT
PWDN
CLK
VSS
VDD
ACK
SD
INPUT
OSC2
OSC1
VSS
VDD
ESt/
ACK
SD
ZL49010/1
ZL49020/1
ZL49030DC/1DC
8 PIN PLASTIC DIP
18 PIN PLASTIC SOIC
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
NC
NC
INPUT
PWDN
NC
NC
OSC1
OSC2
VSS
20 PIN SSOP
NC
VDD
NC
NC
ACK
SD
NC
NC
ESt/DStD
DStD
ESt/
DStD
ZL49030DD/1DD
NC
NC


Similar Part No. - ZL49021

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL49021 ZARLINK-ZL49021 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
ZL49021DAA ZARLINK-ZL49021DAA Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - ZL49021

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com