Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2830MIN92 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM2830MIN92
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM2830MIN92 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM2830MIN92 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM2830MIN92 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CM2830/CM2830A
300mA CMOS LDO
2004/04/30 Rev. 1.6
Champion Microelectronic Corporation
Page 8
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage
…………….……………………………. +7V
Output Current
…………………….……
PD / (VIN - Vo)
Output Voltage
…………………… GND-0.3V to VIN+0.3V
ESD Classification
………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range
…..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
SOT-23-3
170
SOT-23-5
160
SOT-89
100
Thermal Resistance (Θjc)
TO-92
100
℃/W
SOT-23-3
330
SOT-23-5
320
SOT-89
300
Thermal Resistance (Θja)
TO-92
300
℃/W
SOT-23-3
225
SOT-23-5
250
SOT-89 (CM2830)
500
SOT-89 (CM2830A)
400
Internal Power Dissipation (PD)
(ΔT = 100℃)
TO-92
500
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
*With Junction sink capable of twice times ofΘjc
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2830MIN92

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2830MIN92 CHAMP-CM2830MIN92 Datasheet
612Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2830MIN92

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com