Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5162 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5162
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5162_07 Datasheet HTML 3Page - Texas Instruments TAS5162_07 Datasheet HTML 4Page - Texas Instruments TAS5162_07 Datasheet HTML 5Page - Texas Instruments TAS5162_07 Datasheet HTML 6Page - Texas Instruments TAS5162_07 Datasheet HTML 7Page - Texas Instruments TAS5162_07 Datasheet HTML 8Page - Texas Instruments TAS5162_07 Datasheet HTML 9Page - Texas Instruments TAS5162_07 Datasheet HTML 10Page - Texas Instruments TAS5162_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
2nd-Order L-C
Output Filter
for Each
Half-Bridge
Bootstrap
Capacitors
2-Channel
H-Bridge
BTL Mode
System
Microcontroller
OUT_A
OUT_B
OUT_C
OUT_D
BST_A
BST_B
BST_C
BST_D
RESET_AB
RESET_CD
System
Power
Supply
Hardwire
Mode
Control
PVDD
GVDD (12 V)/VDD (12 V)
GND
Hardwire
OC Limit
M1
M3
PVDD
Power
Supply
Decoupling
50 V
12 V
GND
VAC
PWM_A
PWM_C
PWM_D
PWM_B
VALID
M2
Left-
Channel
Output
Right-
Channel
Output
Input
H-Bridge 1
Input
H-Bridge 2
GVDD
VDD
VREG
Power Supply
Decoupling
4
4
4
Bootstrap
Capacitors
2nd-Order L-C
Output Filter
for Each
Half-Bridge
Output
H-Bridge 2
Output
H-Bridge 1
OTW
SD
TAS5508
B0047-01
TAS5162
SLES194B – OCTOBER 2006 – REVISED MARCH 2007
7
Submit Documentation Feedback


Similar Part No. - TAS5162_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5162_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com