Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5121DKDRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5121DKDRE4
Description  DIGITAL AMPLIIFIER POWER STAGE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5121DKDRE4 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5121DKDRE4 Datasheet HTML 1Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 2Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 3Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 4Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 5Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 6Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 7Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 8Page - Texas Instruments TAS5121DKDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TAS5121
SLES086A − NOVEMBER 2003 − REVISED MARCH 2004
DIGITAL AMPLIFIER POWER STAGE
TM
FEATURES
D 100-W RMS Power (BTL) Into 4 Ω With Less
Than 10% THD+N
D 80-W RMS Power (BTL) Into 4 Ω With Less
Than 0.2% THD+N
D 0.05% THD+N at 1 W Into 4 Ω
D Power Stage Efficiency Greater Than 90%
Into 4
Ω Load
D Self-Protecting Design
D 36-Pin PSOP3 Package
D 3.3-V Digital Interface
D EMI Compliant When Used With
Recommended System Design
APPLICATIONS
D DVD Receiver
D Home Theatre
D Mini/Micro Component Systems
D Internet Music Appliance
DESCRIPTION
The TAS5121 is a high-performance digital amplifier
power stage designed to drive a 4-
Ω speaker up to 100 W.
The device incorporates PurePath Digital
 technology
and can be used with a TI audio PWM processor and a
simple passive demodulation filter to deliver high-quality,
high-efficiency digital audio amplification.
The efficiency of this digital amplifier can be greater than
90%, depending on the system design. Overcurrent
protection, overtemperature protection, and undervoltage
protection are built into the TAS5121, safeguarding the
device and speakers against fault conditions that could
damage the system.
P − Power − W
RL = 4 Ω
TC = 75°C
Gain = 3 dB
TOTAL HARMONIC DISTORTION + NOISE
vs
POWER
0.1
1
10
100
10
1
0.01
0.1
PVDD_X − H-Bridge Voltage − V
0
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
32
UNCLIPPED OUTPUT POWER
vs
H-BRIDGE VOLTAGE
8
4
6
PurePath Digital and PowerPAD are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - TAS5121DKDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121DKDR TI-TAS5121DKDR Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5121DKDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121I TI-TAS5121I Datasheet
391Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5112A TI-TAS5112A Datasheet
534Kb / 22P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5111A TI-TAS5111A Datasheet
278Kb / 17P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com