Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5112ADCAG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5112ADCAG4
Description  DIGITAL AMPLIIFIER POWER STAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112ADCAG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5112ADCAG4 Datasheet HTML 4Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 5Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 6Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 7Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 8Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 9Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 10Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 11Page - Texas Instruments TAS5112ADCAG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TAS5112A
SLES094A - OCTOBER 2003 - REVISED MARCH 2004
www.ti.com
8
TYPICAL CHARACTERISTICS AND SYSTEM PERFORMANCE
OF TAS5112A EVM WITH TAS5026 PWM PROCESSOR
Figure 1
f - Frequency - Hz
20
100
1k
10k
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.001
0.1
1
20k
RL = 6 Ω
TC = 75°C
0.01
PO = 50 W
PO = 1 W
PO = 10 W
Figure 2
f - Frequency - kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
1012
1416
182022
RL = 6Ω
FFT = -60 dB
TC = 75°C
TAS5026 Front End Device
NOISE AMPLITUDE
vs
FREQUENCY
Figure 3
PO - Output Power - W
100m
RL = 6 Ω
TC = 75°C
1
10
100
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
10
1
Figure 4
VDD - Supply Voltage - V
0
10
20
30
40
50
60
0
4
8
12
16
20
24
28
32
TA = 75°C
OUTPUT POWER
vs
H-BRIDGE VOLTAGE
RL = 6 Ω
RL = 8 Ω


Similar Part No. - TAS5112ADCAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5112ADCAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121I TI-TAS5121I Datasheet
391Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5121 TI-TAS5121_07 Datasheet
379Kb / 18P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5111A TI-TAS5111A Datasheet
278Kb / 17P
[Old version datasheet]   DIGITAL AMPLIIFIER POWER STAGE
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com