Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP5216 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BCP5216
Description  LOW POWER PNP TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCP5216 Datasheet(HTML) 2 Page - STMicroelectronics

  BCP5216 Datasheet HTML 1Page - STMicroelectronics BCP5216 Datasheet HTML 2Page - STMicroelectronics BCP5216 Datasheet HTML 3Page - STMicroelectronics BCP5216 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
• Thermal Resistance Junction-Ambient
Max
89.3
oC/W
• Device mounted on a PCB area of 1 cm2
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -30 V
VCB = -30 V
Tj = 125
oC
-100
-10
nA
µA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -100
µA
-60
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -20 mA
-60
V
V(BR)CER
Collector-Emitter
Breakdown Voltage
(RBE = 1 K
Ω)
IC = -100
µA
-60
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -10
µA
-5
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -500 mA
IB = -50 mA
-0.5
V
VBE(on)
∗ Base-Emitter On
Voltage
IC = -500 mA
VCE = -2 V
-1
V
hFE
DC Current Gain
IC = -5 mA
VCE = -2 V
IC = -150 mA
VCE = -2 V
IC = -500 mA
VCE = -2 V
40
100
25
250
fT
Transition Frequency
IC = -10 mA VCE = -5 V
f = 20 MHz
50
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
BCP52-16
2/4


Similar Part No. - BCP5216

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCP5216TA DIODES-BCP5216TA Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

Similar Description - BCP5216

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCP53-16 STMICROELECTRONICS-BCP53-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
   LOW POWER PNP SILICON TRANSISTOR
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
   Low voltage PNP power transistor
logo
Microsemi Corporation
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB564 NJSEMI-2SB564 Datasheet
91Kb / 1P
   Si PNP LOW-POWER TRANSISTOR
logo
Microsemi Corporation
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
logo
STMicroelectronics
ST631K STMICROELECTRONICS-ST631K Datasheet
56Kb / 7P
   LOW VOLTAGE PNP POWER TRANSISTOR
MJD32CT4-A STMICROELECTRONICS-MJD32CT4-A Datasheet
214Kb / 9P
   Low voltage PNP power transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com