Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5401RL Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1N5401RL
Description  Axial?묹ead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5401RL Datasheet(HTML) 2 Page - ON Semiconductor

  1N5401RL Datasheet HTML 1Page - ON Semiconductor 1N5401RL Datasheet HTML 2Page - ON Semiconductor 1N5401RL Datasheet HTML 3Page - ON Semiconductor 1N5401RL Datasheet HTML 4Page - ON Semiconductor 1N5401RL Datasheet HTML 5Page - ON Semiconductor 1N5401RL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5400 thru 1N5408
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
1N5400
1N5401
1N5402
1N5404
1N5406
1N5407
1N5408
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
Non−repetitive Peak Reverse Voltage
VRSM
100
200
300
525
800
1000
1200
V
Average Rectified Forward Current
(Single Phase Resistive Load,
1/2 in. Leads, TL = 105°C)
IO
3.0
A
Non−repetitive Peak Surge Current
(Surge Applied at Rated Load
Conditions)
IFSM
200 (one cycle)
A
Operating and Storage Junction
Temperature Range
TJ
Tstg
− 65 to +170
− 65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Unit
Thermal Resistance, Junction−to−Ambient (PC Board Mount, 1/2 in. Leads)
RqJA
53
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Forward Voltage (IF = 3.0 Amp, TA = 25°C)
vF
1.0
V
Reverse Current (Rated DC Voltage)
TA = 25°C
TA = 150°C
IR
10
100
mA
Ratings at 25
°C ambient temperature unless otherwise specified.
60 Hz resistive or inductive loads.
For capacitive load, derate current by 20%.


Similar Part No. - 1N5401RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5401RL ONSEMI-1N5401RL Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5401RLG ONSEMI-1N5401RLG Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
More results

Similar Description - 1N5401RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N4937 ONSEMI-1N4937 Datasheet
48Kb / 4P
   Axial?묹ead Fast?뭃ecovery Rectifiers
July, 2006 ??Rev. 12
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com