Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5817RL Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1N5817RL
Description  Axial Lead Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5817RL Datasheet(HTML) 5 Page - ON Semiconductor

  1N5817RL Datasheet HTML 1Page - ON Semiconductor 1N5817RL Datasheet HTML 2Page - ON Semiconductor 1N5817RL Datasheet HTML 3Page - ON Semiconductor 1N5817RL Datasheet HTML 4Page - ON Semiconductor 1N5817RL Datasheet HTML 5Page - ON Semiconductor 1N5817RL Datasheet HTML 6Page - ON Semiconductor 1N5817RL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N5817, 1N5818, 1N5819
http://onsemi.com
5
100
70
5.0
30
20
10
7.0
5.0
3.0
20
7.0
10
3.0
2.0
30
1.0
40
15
5.0
3.0
2.0
0.3
0.2
0.1
40
36
12
30
20
1.0
0.5
0.05
0.03
24
16
20
8.0
4.0
28
032
10
20
7.0
5.0
2.0
0.2
0.3
0.5
0.7
1.0
3.0
0.9
1.0 1.1
0.1
0.07
0.05
0.03
0.02
0.6
0.5
0.4
0.3
0.2
0.7
0.1
0.8
NOTE 5. — THERMAL CIRCUIT MODEL
(For heat conduction through the leads)
TA(A)
TA(K)
RqS(A)
RqL(A)
RqJ(A)
RqJ(K)
RqL(K)
RqS(K)
PD
TL(A)
TC(A)
TJ
TC(K)
TL(K)
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 7. Typical Forward Voltage
NUMBER OF CYCLES
Figure 8. Maximum Non−Repetitive Surge Current
VR, REVERSE VOLTAGE (VOLTS)
Figure 9. Typical Reverse Current
TC = 100°C
25°C
1 Cycle
TL = 70°C
f = 60 Hz
Surge Applied at
Rated Load Conditions
1N5817
1N5818
1N5819
TJ = 125°C
100°C
25°C
Use of the above model permits junction to lead thermal re-
sistance for any mounting configuration to be found. For a
given total lead length, lowest values occur when one side of
the rectifier is brought as close as possible to the heatsink.
Terms in the model signify:
TA = Ambient Temperature
TC = Case Temperature
TL = Lead Temperature
TJ = Junction Temperature
RqS = Thermal Resistance, Heatsink to Ambient
RqL = Thermal Resistance, Lead to Heatsink
RqJ = Thermal Resistance, Junction to Case
PD = Power Dissipation
(Subscripts A and K refer to anode and cathode sides, re-
spectively.) Values for thermal resistance components are:
RqL = 100°C/W/in typically and 120°C/W/in maximum
RqJ = 36°C/W typically and 46°C/W maximum.
75°C


Similar Part No. - 1N5817RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5817RL STMICROELECTRONICS-1N5817RL Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
More results

Similar Description - 1N5817RL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
1N5820 ONSEMI-1N5820 Datasheet
97Kb / 8P
   Axial Lead Rectifiers
June, 2006 ??Rev. 9
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com