Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2533L-2-E3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2533L-2-E3
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2533L-2-E3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2533L-2-E3 Datasheet HTML 1Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 2Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 3Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 4Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 5Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 6Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 7Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 8Page - California Eastern Labs PS2533L-2-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PHOTOCOUPLER
PS2533-1,-2,-4,PS2533L-1,-2,-4
HIGH COLLECTOR TO EMITTER VOLTATGE
HIGH ISOLATION VOLTAGE
MULTI PHOTOCOUPLER SERIES
−NEPOC Series−
DESCRIPTION
The PS2533-1, -2, -4 and PS2533L-1, -2, -4 are optically coupled isolators containing a GaAs light emitting diode
and an NPN silicon darlington connected phototransistor.
The PS2533-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2533L-1, -2, -4 are lead bending type
(Gull-wing) for surface mount.
FEATURES
• High collector to emitter voltage (VCEO = 350 V)
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High current transfer ratio (CTR = 4 000 % TYP.)
• High-speed switching (tr, tf = 100
µs TYP.)
• Ordering number of tape product: PS2533L-1-E3, E4, F3, F4, PS2533L-2-E3, E4
• Safety standards
• UL approved: File No. E72422 (S)
• BSI approved: No. 8221/8222
• CSA approved: No. CA 101391
• NEMKO approved: No. P98101708
• SEMKO approved: No. 9824187/01-02
• DEMKO approved: No. 307863
• FIMKO approved: No. F1 11397
• VDE0884 approved (Option)
APPLICATIONS
• Telephone, Exchange equipment
• FAX/MODEM
The mark
shows major revised points.
Document No. PN10233EJ01V0DS (1st edition)
(Previous No. P11435EJ6V0DS00)
Date Published February 2003 CP(K)


Similar Part No. - PS2533L-2-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2533L-2-V NEC-PS2533L-2-V Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results

Similar Description - PS2533L-2-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com