Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2802-4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2802-4
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2802-4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2802-4 Datasheet HTML 1Page - California Eastern Labs PS2802-4 Datasheet HTML 2Page - California Eastern Labs PS2802-4 Datasheet HTML 3Page - California Eastern Labs PS2802-4 Datasheet HTML 4Page - California Eastern Labs PS2802-4 Datasheet HTML 5Page - California Eastern Labs PS2802-4 Datasheet HTML 6Page - California Eastern Labs PS2802-4 Datasheet HTML 7Page - California Eastern Labs PS2802-4 Datasheet HTML 8Page - California Eastern Labs PS2802-4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PHOTOCOUPLER
PS2802-1,PS2802-4
HIGH ISOLATION VOLTAGE
DARLINGTON TRANSISTOR TYPE
SOP PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS2802-1 and PS2802-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon darlington-connected photo transistor in a plastic SOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SOP, Pin pitch 1.27 mm)
• High current transfer ratio (CTR = 2 000 % TYP. @ IF = 1 mA, VCE = 2 V)
• Ordering number of tape product: PS2802-1-F3, F4, PS2802-4-F3, F4
• Safety standards: PS2802-1, -4
UL approved: File No. E72422 (S)
BSI approved: No. 8188, 8189
VDE0884 approved (Option): PS2802-4 only
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
• Hybrid IC
The mark
shows major revised points.
Document No. PN10252EJ01V0DS (1st edition)
(Previous No. P10125EJ5V0DS00)
Date Published February 2003 CP(K)


Similar Part No. - PS2802-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-4 NEC-PS2802-4 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-4 RENESAS-PS2802-4 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
NEC
PS2802-4-F3 NEC-PS2802-4-F3 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-4-F3 RENESAS-PS2802-4-F3 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
NEC
PS2802-4-F4 NEC-PS2802-4-F4 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
logo
California Eastern Labs
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2702-1 NEC-PS2702-1 Datasheet
113Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com