Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2533-1 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2533-1
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2533-1 Datasheet(HTML) 4 Page - California Eastern Labs

  PS2533-1_03 Datasheet HTML 1Page - California Eastern Labs PS2533-1_03 Datasheet HTML 2Page - California Eastern Labs PS2533-1_03 Datasheet HTML 3Page - California Eastern Labs PS2533-1_03 Datasheet HTML 4Page - California Eastern Labs PS2533-1_03 Datasheet HTML 5Page - California Eastern Labs PS2533-1_03 Datasheet HTML 6Page - California Eastern Labs PS2533-1_03 Datasheet HTML 7Page - California Eastern Labs PS2533-1_03 Datasheet HTML 8Page - California Eastern Labs PS2533-1_03 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PS2533-1,-2,-4,PS2533L-1,-2,-4
MARKING EXAMPLE
2533
M 003
PS2533-2
M 003
E
F
PS2533-1
PS2533-2, -4
Assembly Lot
Week Assembled
Year Assembled
(Last 1 Digit)
In-house Code
CTR Rank Code
No. 1 pin
Mark
Package
New PKG
Standard PKG
Made in Japan Made in Taiwan
No. 1 pin
Mark
M
F
Week Assembled
Year Assembled
(Last 1 Digit)
In-house Code
CTR Rank Code
Package
New PKG
Standard PKG
Made in Japan Made in Taiwan
0
03
M
0
03
Blank
Blank
Country Assembled
Type Number
Assembly Lot
Data Sheet PN10233EJ01V0DS
4


Similar Part No. - PS2533-1_03

ManufacturerPart #DatasheetDescription
logo
NEC
PS2533-1-V NEC-PS2533-1-V Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1-V RENESAS-PS2533-1-V Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1-V RENESAS-PS2533-1-V Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results

Similar Description - PS2533-1_03

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com