Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3985SLDTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3985SLDTR-T
Description  Digitally Programmable Dual Full-Bridge MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3985SLDTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3985SLDTR-T Datasheet HTML 1Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 2Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 3Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 4Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 5Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 6Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 7Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 8Page - Allegro MicroSystems A3985SLDTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Digitally Programmable
Dual Full-Bridge MOSFET Driver
A3985
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Functional Block Diagram
High-Side
Drive
Low-Side
Drive
Low-Side
Drive
High-Side
Drive
Programmable
PWM Timer
Blanking
Mixed Decay
Programmable
PWM Timer
Blanking
Mixed Decay
Protection
UVLO
TSD
Phase 1
Control Logic
Phase 2
Control Logic
P
P
High-Side
Drive
Low-Side
Drive
Low-Side
Drive
High-Side
Drive
P
6-bit
DAC
6-bit
DAC
Bandgap
Regulator
Serial Port
VDD
VBB
GND
WC
SCK
OSC
ENABLE
REF
VREF
VREF
SDI
SDO
STR
VREG
Phase 1A
Phase 1B
Phase 2A
Phase 2B
CREG
+5 V
C1A
VREG
CBOOT1A
C1B
CBOOT1B
Bridge1
Bridge2
RGH1A
GH1A
GL1A
GL1B
GH1B
S1A
S1B
LSS1
SENSE1
RGL1A
RGH1B
V
MOTOR
RGL1B
RSENSE1
C2A
VREG
Phase 1
Phase 2
CBOOT2A
C2B
CBOOT2B
RGH2A
GH2A
GL2A
GL2B
GH2B
S2A
S2B
LSS2
SENSE2
RGL2A
RGH2B
V
MOTOR
RGL2B
RSENSE2
Programmable Divider
Oscillator


Similar Part No. - A3985SLDTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3980 ALLEGRO-A3980 Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3980 ALLEGRO-A3980 Datasheet
504Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
A3980 ALLEGRO-A3980 Datasheet
604Kb / 19P
   Automotive DMOS Microstepping Driver with Translator
A3980KLP ALLEGRO-A3980KLP Datasheet
514Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
November 17, 2011
A3980KLP ALLEGRO-A3980KLP Datasheet
504Kb / 18P
   Automotive DMOS Microstepping Driver with Translator
More results

Similar Description - A3985SLDTR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
   DUAL FULL-BRIDGE DRIVER
Jenuary 2000
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
   DUAL FULL-BRIDGE DRIVER
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
   Dual Full-Bridge Driver
logo
Allegro MicroSystems
A4957 ALLEGRO-A4957_16 Datasheet
314Kb / 16P
   Full Bridge MOSFET Driver
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
logo
STMicroelectronics
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
   DMOS dual full bridge driver
logo
Allegro MicroSystems
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com