Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40515 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL40515
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40515 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL40515 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL40515 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ZL40511/15
Data Sheet
11
Zarlink Semiconductor Inc.
5.0
Pin List
Pin No.
Pin name
Type
Function
1
/EN2
LVDS
Digital control input for channel 2 (active low)
2
NC
LVDS
No internal connection
3
/EN3
LVDS
Digital control input for channel 3 (active low)
4
NC
LVDS
Ground
5
/EN4
LVDS
Digital control input for channel 4 (active low)
6
NC
LVDS
No internal connection
7
VCC_IN
supply
+5 V Input power supply
8
OSCEN
digital
Oscillator enable control input, high active (TTL)
9
RFA
analog
Resistor to GND sets oscillator frequency when SELA = ’High’
10
RFB
analog
Resistor to GND sets oscillator frequency when SELA = ’Low’
11
RSA
analog
Resistor to GND sets oscillator amplitude when SELA = ’High’
12
RSB
analog
Resistor to GND sets oscillator amplitude when SELA = ’Low’
13
SELA
digital
Output select input; 'High' selects OUTA, 'Low' selects OUTB (TTL)
14
VCC_B
supply
Output B Vcc
15
OUTB
analog
Current output source B
16
GND
supply
Ground
17
OUTA
analog
Current output source A
18
VCC_A
supply
Output A Vcc
19
PWR_UP
digital
Digital chip enable control input, high active (CMOS)
20
INR
analog
Current input, Rin = 400 Ohms to GND
21
IN2
analog
Current input, Rin = 250 Ohms to GND (Optional 500 Ohms)
22
IN3
analog
Current input, Rin = 250 Ohms to GND (Optional 500 Ohms)
23
IN4
analog
Current input, Rin = 250 Ohms to GND (Optional 500 Ohms)
24
GND_IN
supply
Ground for input circuit


Similar Part No. - ZL40515

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40515 ZARLINK-ZL40515 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40515LCE ZARLINK-ZL40515LCE Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40515LCF ZARLINK-ZL40515LCF Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results

Similar Description - ZL40515

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40539 ZARLINK-ZL40539 Datasheet
538Kb / 26P
   Dual Output CD and DVD 4 Channel Laser Diode Driver
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com