Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40122DCF1 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL40122DCF1
Description  High Speed, Current Feedback Quad Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40122DCF1 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL40122DCF1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL40122DCF1 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZL40122
Data Sheet
10
Zarlink Semiconductor Inc.
Large Signal Gain
-16
-14
-12
-10
-8
-6
-4
-2
0
10
100
1000
Frequency (MHz)
Vo = 5V p-p
Vo = 4V p-p
Vo = 1V p-p
Harmonic Distortion vs Frequency
-100
-90
-80
-70
-60
-50
-40
110
100
Frequency (MHz)
2nd Harmonic
3rd Harmonic
Vo = 2V p-p


Similar Part No. - ZL40122DCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40122DCA ZARLINK-ZL40122DCA Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122DCB ZARLINK-ZL40122DCB Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
More results

Similar Description - ZL40122DCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com