Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC23BIPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC23BIPWR
Description  Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC23BIPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC23BIPWR Datasheet HTML 6Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 7Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 8Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 9Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 10Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 11Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 12Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 13Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
1−4
1.3
Terminal Assignments
LRCIN
1
2
3
4
56789
25 24
23 22
21
20
19
18
17
10
11
12
13
14
15
16
32
31
30
29
28
27
26
DOUT
LRCOUT
HPVDD
LHPOUT
RHPOUT
HPGND
XTI/MCLK
SCLK
SDIN
MODE
CS
LLINEIN
RLINEIN
GQE/ZQE PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BVDD
CLKOUT
BCLK
DIN
LRCIN
DOUT
LRCOUT
HPVDD
LHPOUT
RHPOUT
HPGND
LOUT
ROUT
AVDD
DGND
DVDD
XTO
XTI/MCLK
SCLK
SDIN
MODE
CS
LLINEIN
RLINEIN
MICIN
MICBIAS
VMID
AGND
PW PACKAGE
(TOP VIEW)
NC − No internal connection
21
20
19
18
17
16
15
DIN
LRCIN
DOUT
LROUT
HPVDD
LHPOUT
RHPOUT
SCLK
SDIN
MODE
CS
LLNEIN
RUNEIN
MICIN
1
2
3
4
5
6
7
RHD PACKAGE
(TOP VIEW)


Similar Part No. - TLV320AIC23BIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23BIPWR TI-TLV320AIC23BIPWR Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
TLV320AIC23BIPWRG4 TI-TLV320AIC23BIPWRG4 Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
TLV320AIC23BIPWRQ1 TI1-TLV320AIC23BIPWRQ1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
More results

Similar Description - TLV320AIC23BIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23B TI-TLV320AIC23B Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com