Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL38065GDG Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL38065GDG
Description  32 Channel Voice Echo Canceller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL38065GDG Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL38065GDG Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL38065GDG Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ZL38065
Data Sheet
8
Zarlink Semiconductor Inc.
IRQ
R9
9
Interrupt Request (Open Drain Output). This output goes low
when an interrupt occurs in any channel. IRQ returns high when
all the interrupts have been read from the Interrupt FIFO
Register. A pull-up resistor (1 K typical) is required at this output.
DS
R11
10
Data Strobe (Input). This active low input works in conjunction
with CS to enable the read and write operations.
CS
R13
11
Chip Select (Input). This active low input is used by a
microprocessor to activate the microprocessor port.
R/W
R5
12
Read/Write (Input). This input controls the direction of the data
bus lines (D7-D0) during a microprocessor access.
DTA
R7
13
Data Transfer Acknowledgment (Open Drain Output). This
active low output indicates that a data bus transfer is completed.
A pull-up resistor (1 K typical) is required at this output.
D0..D7 T2,T4,T6,T8,T9,T11,
T13,T15
15, 16, 17,
19, 20, 21,
22, 23
Data Bus D0 - D7 (Bidirectional). These pins form the 8 bit
bidirectional data bus of the microprocessor port.
A0..A12 P16,N16,M16,L16,K16,
J16,H16,G16,F16,E16,
D16, E15, F15
28, 29, 30,
31, 33, 34,
35, 36, 38,
39, 40, 41,
43
Address A0 to A12 (Input). These inputs provide the A12 - A0
address lines to the internal registers.
ODE
B13
57
Output Drive Enable (Input). This input pin is logically AND’d
with the ODE bit-6 of the Main Control Register. When both ODE
bit and ODE input pin are high, the Rout and Sout ST-BUS
outputs are enabled.
When the ODE bit is low or the ODE input pin is low, the Rout
and Sout ST-BUS outputs are high impedance.
Sout
A8
58
Send PCM Signal Output (Output). Port 1 TDM data output
streams. Sout pin outputs serial TDM data streams at
2.048 Mbps with 32 channels per stream.
Rout
B9
59
Receive PCM Signal Output (Output). Port 2 TDM data output
streams. Rout pin outputs serial TDM data streams at
2.048 Mbps with 32 channels per stream.
Sin
B11
60
Send PCM Signal Input (Input). Port 2 TDM data input streams.
Sin pin receives serial TDM data streams at 2.048 Mbps with 32
channels per stream.
Rin
B7
61
Receive PCM Signal Input (Input). Port 1 TDM data input
streams. Rin pin receives serial TDM data streams at
2.048 Mbps with 32 channels per stream.
Pin Description (continued)
Pin
Name
Pin #
Description
208-Ball LBGA
100 Pin
LQFP


Similar Part No. - ZL38065GDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38065GDG ZARLINK-ZL38065GDG Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
More results

Similar Description - ZL38065GDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com