Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL38010DCF Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL38010DCF
Description  Low Power Quad ADPCM Transcoder
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL38010DCF Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL38010DCF Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL38010DCF Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ZL38010
Data Sheet
3
Zarlink Semiconductor Inc.
5BCLK
Bit Clock (Input). 128 kHz to 4096 kHz bit clock input for both PCM and ADPCM ports;
used in SSI mode only. The falling edge of this clock latches data into ADPCMi, PCMi1
and PCMi2. The rising edge clocks data out on ADPCMo, PCMo1 and PCMo2. This input
must be tied to VSS for ST-BUS operation.
6PCMo1
Serial PCM Stream 1 (Output). 128 kbps to 4096 kbps serial companded/linear PCM out-
put stream. Data are clocked out by rising edge of BCLK in SSI mode. Clocked out by
MCLK divided by two in ST-BUS mode. See Figure 14.
7PCMi1
Serial PCM Stream 1 (Input). 128 kbps to 4096 kbps serial companded/linear PCM
input stream. Data are clocked in on falling edge of BCLK in SSI mode. Clocked in at the
3/4 bit position of MCLK in ST-BUS mode. See Figure 14.
8VSS
Digital Ground. Nominally 0 volts
9
LINEAR
Linear PCM Select (Input). When tied to VDD the PCM I/O ports (PCM1,PCM2) are 16-
bit linear PCM. Linear PCM operates only at a bit rate of 2048 kbps. Companded PCM is
selected when this pin is tied to VSS. See Figure 5 & Figure 8.
10
ENB2/F0od
PCM B-Channel Enable Strobe 2 (Input) / Delayed Frame Pulse (Output).
SSI operation: ENB2 (Input). An 8-bit wide enable strobe input defining B2 channel
(AD)PCM data. A valid 8-bit strobe must be present at this input for SSI operation. See
Figure 4 & Figure 6.
ST-BUS operation: F0od (Output). This pin is a delayed frame strobe output. When LIN-
EAR=0, this becomes a delayed frame pulse output occurring 64 C4 clock cycles after
F0i and when LINEAR = 1 at 128 C4 clock cycles after F0i. See Figures 7, 8, 9 & 14.
11
ENB1
PCM B-Channel Enable Strobe 1 (Input).
SSI operation: An 8-bit wide enable strobe input defining B1 channel (AD)PCM data. A
valid 8-bit strobe must be present at this input for SSI operation.
ST-BUS operation: When tied to VSS transparent bypass of the ST-BUS D- and C- chan-
nels is enabled. When tied to VDD the ST-BUS D-channel and C-channel output timeslots
are forced to a high-impedance state.
12
PCMo2
Serial PCM Stream 2 (Output). 128 kbps to 4096 kbps serial companded/linear PCM out-
put stream. Clocked out by rising edge of BCLK in SSI mode. Clocked out by MCLK divid-
ed by two in ST-BUS mode. See Figure 14.
13
PCMi2
Serial PCM Stream 2 (Input). 128 kbps to 4096 kbps serial companded/linear PCM input
stream. Data bits are clocked in on falling edge of BCLK in SSI mode. Clocked in at the
3/4 bit position of MCLK in ST-BUS mode. See Figure 14.
14
SEL
SELECT (Input).
PCM bypass mode: When SEL=0 the PCM1 port is selected for PCM bypass operation
and when SEL=1 the PCM2 port is selected for PCM bypass operation.
See Figure 6 & Figure 9.
16 kbps transcoding mode:
SSI Operation - in 16 kbps transcoding mode, the ADPCM words are assigned to the I/O
timeslot defined by ENB2 when SEL=1 and by ENB1 when SEL=0. See Figure 4.
ST-BUS operation- in 16 kbps transcoding mode, the ADPCM words are assigned to the
B2 timeslot when SEL=1 and to the B1 timeslot when SEL=0. See Figure 9.
Pin #
Name
Description


Similar Part No. - ZL38010DCF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38015 ZARLINK-ZL38015 Datasheet
133Kb / 3P
   Voice Processor
ZL38015QCG1 ZARLINK-ZL38015QCG1 Datasheet
133Kb / 3P
   Voice Processor
More results

Similar Description - ZL38010DCF

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
Mitel Networks Corporat...
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
   32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com