Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS9285 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9285
Description  IC FOR XO TRIMMING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9285 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9285 Datasheet HTML 3Page - Micro Analog systems MAS9285 Datasheet HTML 4Page - Micro Analog systems MAS9285 Datasheet HTML 5Page - Micro Analog systems MAS9285 Datasheet HTML 6Page - Micro Analog systems MAS9285 Datasheet HTML 7Page - Micro Analog systems MAS9285 Datasheet HTML 8Page - Micro Analog systems MAS9285 Datasheet HTML 9Page - Micro Analog systems MAS9285 Datasheet HTML 10Page - Micro Analog systems MAS9285 Datasheet HTML 11Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DA9285.004
13 July 2006
8 (11)
D/2
SEATING
PLANE
SIDE VIEW
TOP VIEW
D2
D2/2
L
b
BOTTOM VIEW
D
e
PIN 1 MARK AREA
EXPOSED PAD
SHAPE OF PIN #1
IDENTIFICATION
IS OPTIONAL
PACKAGE OUTLINE (QFN-6)
Symbol
Min
Nom
Max
Unit
PACKAGE DIMENSIONS
A
0.700
0.750
0.800
mm
A1
0.000
0.020
0.050
mm
A3
0.178
0.203
0.228
mm
b
0.200
0.250
0.300
mm
D
2.000 BSC
mm
D2 (Exposed pad)
1.350
1.400
1.450
mm
E
2.000 BSC
mm
E2 (Exposed pad)
0.750
0.800
0.850
mm
e
0.650 BSC
mm
L
0.300
0.350
0.400
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.


Similar Part No. - MAS9285

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1SM06 MAS-MAS9280A1SM06 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1TG00 MAS-MAS9280A1TG00 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A2TG00 MAS-MAS9280A2TG00 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A3SM06 MAS-MAS9280A3SM06 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
More results

Similar Description - MAS9285

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6285 MAS-MAS6285 Datasheet
166Kb / 12P
   IC FOR XO TRIMMING
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Micro Analog systems
MAS6720 MAS-MAS6720 Datasheet
50Kb / 4P
   IC FOR 32.768 kHz XO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
   IC FOR 10.00 - 60.00 MHz XO
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
PhaseLink Corporation
PLL602-00 PLL-PLL602-00 Datasheet
174Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
PhaseLink Corporation
PLL601-27 PLL-PLL601-27 Datasheet
181Kb / 4P
   27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
logo
Abracon Corporation
ABMX0127 ABRACON-ABMX0127 Datasheet
59Kb / 4P
   27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
ABM0127 ABRACON-ABM0127 Datasheet
60Kb / 4P
   27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com