Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5012 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5012
Description  TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5012 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5012_06 Datasheet HTML 4Page - Texas Instruments TAS5012_06 Datasheet HTML 5Page - Texas Instruments TAS5012_06 Datasheet HTML 6Page - Texas Instruments TAS5012_06 Datasheet HTML 7Page - Texas Instruments TAS5012_06 Datasheet HTML 8Page - Texas Instruments TAS5012_06 Datasheet HTML 9Page - Texas Instruments TAS5012_06 Datasheet HTML 10Page - Texas Instruments TAS5012_06 Datasheet HTML 11Page - Texas Instruments TAS5012_06 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TAS5012
SLES006A – SEPTEMBER 2001 – REVISED DECEMBER 2001
8
www.ti.com
functional description (continued)
Initialization
Normal State
MUTE
VALID_L
5 ms max
10
µs Maximum
50–50 Duty Cycle
(P, M Complementary)
Inactive State
VALID_R
PWM Outputs
(P, M Complementary)
Figure 5. Mute Timing
double speed
Double-speed mode is used to support sampling rates of 88.2 kHz and 96 kHz. In order to put the TAS5012 in
double-speed mode with the device in normal operating conditions, the RESET pin must be held low while switching
the DBSPD pin high. After the RESET pin is brought high again, a reset sequence takes place. If the change is at
power up, a power-up sequence is originated.
quad speed
Quad-speed mode is used to support sampling rates of 176.4 kHz and 192 kHz. It is supported in slave mode only.
In order to put the TAS5012 in quad-speed mode, M_S and DBPSB pins are brought low. Quad-speed mode is then
automatically detected due to the fact that it is the only mode in which MCLK_IN is 128Fs. DEM_SEL must be set
to low when operating in the quad-speed mode.
de-emphasis filter
For audio sources that have been preemphasized, a precision 50-
µs/15-µs de-emphasis filter is provided to support
the sampling rates of 44.1 kHz and 48 kHz. Pins DEM_SEL and DEM_EN select the de-emphasis functions. See
Figure 6 for a graph showing the de-emphasis filtering characteristics. See Table 3 for de-emphasis selection.
0
–10
3.18 (50
µs)
10.6 (15
µs)
f – Frequency – kHz
De-emphasis
Figure 6. De-Emphasis Filter Characteristics


Similar Part No. - TAS5012_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5012IPFB TI-TAS5012IPFB Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5012IPFBR TI-TAS5012IPFBR Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5012PFB TI-TAS5012PFB Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5012PFBR TI-TAS5012PFBR Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5012_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015 Datasheet
240Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_15 Datasheet
404Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com