Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST36VF3203 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST36VF3203
Description  32 Mbit (x8/x16) Concurrent SuperFlash
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF3203 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST36VF3203 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST36VF3203 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
Data Sheet
32 Mbit Concurrent SuperFlash
SST36VF3203 / SST36VF3204
©2005 Silicon Storage Technology, Inc.
S71270-03-000
7/06
Security ID
The SST36VF320x devices offer a 136-word Security ID
space. The Secure ID space is divided into two seg-
ments—one 128-bit factory programmed segment and one
128-word (256-byte) user-programmed segment. The first
segment is programmed and locked at SST with a unique,
128-bit number. The user segment is left un-programmed
for the customer to program as desired. To program the
user segment of the Security ID, the user must use the
Security ID Program command. End-of-Write status is
checked by reading the toggle bits. Data# Polling is not
used for Security ID End-of-Write detection. Once pro-
gramming is complete, the Sec ID should be locked using
the User Sec ID Program Lock-Out. This disables any
future corruption of this space. Note that regardless of
whether or not the Sec ID is locked, neither Sec ID seg-
ment can be erased. The Secure ID space can be queried
by executing a three-byte command sequence with Query
Sec ID command (88H) at address 555H in the last byte
sequence. See Figure 14 for timing diagram. To exit this
mode, the Exit Sec ID command should be executed.
Refer to Table 7 for more details.
Product Identification
The Product Identification mode identifies the devices and
manufacturer. For details, see Table 2 for software opera-
tion, Figure 11 for the Software ID Entry and Read timing
diagram and Figure 21 for the Software ID Entry command
sequence flowchart. The addresses A20 and A18 indicate a
bank address. When the addressed bank is switched to
Product Identification mode, it is possible to read another
address from the same bank without issuing a new Soft-
ware ID Entry command. The Software ID Entry command
may be written to an address within a bank that is in Read
Mode or in Erase-Suspend mode. The Software ID Entry
command may not be written while the device is program-
ming or erasing in the other bank.
Note: BKX = Bank Address (A20-A18)
Product Identification Mode
Exit/CFI Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read mode. This
command may also be used to reset the device to the Read
mode after any inadvertent transient condition that appar-
ently causes the device to behave abnormally, e.g., not read
correctly. Please note that the Software ID Exit/CFI Exit
command is ignored during an internal Program or Erase
operation. See Table 7 for the software command code, Fig-
ure 13 for timing waveform and Figure 21 for a flowchart.
TABLE
2: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
BKX0000H
00BFH
Device ID
SST36VF3203
BKX0001H
7354H
SST36VF3204
BKX0001H
7353H
T2.1 1270
1270 B01.0
SuperFlash Memory
Bank 1
I/O Buffers
SuperFlash Memory
Bank 2
Memory
Address
DQ15/A-1 - DQ0
CE#
WP#
WE#
OE#
Control
Logic
RST#
BYTE#
RY/BY#
Address
Buffers
(8 KWord / 16 KByte
Sector Protection)
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST36VF3203

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-EK SST-SST36VF1601-70-4C-EK Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
More results

Similar Description - SST36VF3203

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF3203 GREENLIANT-GLS36VF3203 Datasheet
1Mb / 35P
   Concurrent SuperFlash
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com