Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC549GGUR100 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320VC549GGUR100
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549GGUR100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320VC549GGUR100 Datasheet HTML 4Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 5Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 6Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 7Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 8Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 9Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 10Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 11Page - Texas Instruments TMS320VC549GGUR100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Signal Descriptions (Continued)
TERMINAL
DESCRIPTION
NAME
DESCRIPTION
TYPE†
INITIALIZATION, INTERRUPT AND RESET OPERATIONS (CONTINUED)
NMI
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the INTM or the IMR. When
NMI is activated, the processor traps to the appropriate vector location.
RS
I
Reset input. RS causes the DSP to terminate execution and forces the program counter to 0FF80h. When RS
is brought to a high level, execution begins at location 0FF80h of the program memory. RS affects various
registers and status bits.
MP/MC
I
Microprocessor/microcomputer mode-select pin. If active-low at reset (microcomputer mode), MP/MC causes
the internal program ROM to be mapped into the upper program memory space. In the microprocessor mode,
off-chip memory and its corresponding addresses (instead of internal program ROM) are accessed by the DSP.
CNT
I
I/O level select. With CMOS-compatible I/O interface levels, CNT is pulled to a high level.
MULTIPROCESSING SIGNALS
BIO
I
Branch control input. A branch can be conditionally executed when BIO is active. If low, the processor executes
the conditional instruction. The BIO condition is sampled during the decode phase of the pipeline for the XC
instruction, and all other instructions sample BIO during the read phase of the pipeline.
XF
O/Z
External flag output (latched software-programmable signal). XF is set high by the SSBX XF instruction, set low
by RSBX XF instruction or by loading the ST1 status register. XF is used for signaling other processors in
multiprocessor configurations or as a general-purpose output pin. XF goes into the high-impedance state when
OFF is low, and is set high at reset.
MEMORY CONTROL SIGNALS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. DS, PS, and IS are always high unless driven low for communicating
to a particular external space. Active period corresponds to valid address information. Placed into a
high-impedance state in hold mode. DS, PS, and IS also go into the high-impedance state when EMU1/OFF is
low.
MSTRB
O/Z
Memory strobe signal. MSTRB is always high unless low-level asserted to indicate an external bus access to data
or program memory. Placed in high-impedance state in hold mode. MSTRB also goes into the high-impedance
state when OFF is low.
READY
I
Data-ready input. READY indicates that an external device is prepared for a bus transaction to be completed.
If the device is not ready (READY is low), the processor waits one cycle and checks READY again. Note that the
processor performs ready-detection if at least two software wait states are programmed. The READY signal is
not sampled until the completion of the software wait states.
R/W
O/Z
Read/write signal. R/W indicates transfer direction during communication to an external device and is normally
high (in read mode), unless asserted low when the DSP performs a write operation. Placed in the high-impedance
state in hold mode, R/W also goes into the high-impedance state when EMU1/OFF is low.
IOSTRB
O/Z
I/O strobe signal. IOSTRB is always high unless low level asserted to indicate an external bus access to an I/O
device. Placed in high-impedance state in hold mode. IOSTRB also goes into the high-impedance state when
EMU1/OFF is low.
HOLD
I
Hold input. HOLD is asserted to request control of the address, data, and control lines. When acknowledged,
these lines go into high-impedance state.
HOLDA
O/Z
Hold acknowledge signal. HOLDA indicates to the external circuitry that the processor is in a hold state and that
the address, data, and control lines are in a high-impedance state, allowing them to be available to the external
circuitry. HOLDA also goes into the high-impedance state when EMU1/OFF is low.
MSC
O/Z
Microstate complete signal. Goes low on CLKOUT falling at the start of the first software wait state. Remains low
until one CLKOUT cycle before the last programmed software wait state. If connected to the READY line, MSC
forces one external wait state after the last internal wait state has been completed. MSC also goes into the
high-impedance state when EM1/OFF is low.
† I = Input, O = Output, Z = High impedance


Similar Part No. - TMS320VC549GGUR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC549GGUR100 TI1-TMS320VC549GGUR100 Datasheet
866Kb / 64P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549GGUR100 TI1-TMS320VC549GGUR100 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320VC549GGUR100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com