Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BG-118 Datasheet(PDF) 7 Page - Winbond

Part # W83195BG-118
Description  Clock Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BG-118 Datasheet(HTML) 7 Page - Winbond

Back Button W83195BG-118 Datasheet HTML 3Page - Winbond W83195BG-118 Datasheet HTML 4Page - Winbond W83195BG-118 Datasheet HTML 5Page - Winbond W83195BG-118 Datasheet HTML 6Page - Winbond W83195BG-118 Datasheet HTML 7Page - Winbond W83195BG-118 Datasheet HTML 8Page - Winbond W83195BG-118 Datasheet HTML 9Page - Winbond W83195BG-118 Datasheet HTML 10Page - Winbond W83195BG-118 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
W83195BR-118/W83195BG-118
STEPLESS FOR INTEL 915/945 CHIPSETS
Publication Release Date: May 2006
- 3 -
Revision 0.81
4. BLOCK DIAGRAM
PL L 2
XT A L
OS C
PL L 1
Sp r e a d
Sp e c t r u m
M/N /R a t io
RO M
La t c h
&P O R
C ontr o l
Log ic
&Co n f ig
R e g ist er
I2 C
In te r f a c e
Div id e r
VC O C L K
48 M H z
RE F 0 :1
CP UT 0 : 1
CP UC 0 :1
PC I_ F 0 :2
PC I 0 :5
R ESET #
475
XIN
XO U T
F S (0 :2 )
& S E L 2 4_4 8#
* S DAT A
*S C L K
6
Div id e r
24 _4 8M H z
2
2
3
5
PD
5
S RCT
S RCC
V T T _ P W RG D#
DO T T
DOT C
PC IE T 0 : 4
PC IE C 0 : 4
2
5. PIN DESCRIPTION
BUFFER TYPE SYMBOL
DESCRIPTION
IN
Input
INtp120k
Latched input at power up, internal 120kΩ pull up.
INtd120k
Latched input at power up, internal 120kΩ pull down.
OUT
Output
OD
Open Drain
I/OD
Bi-directional Pin, Open Drain.
#
Active Low
*
Internal 120k
Ω pull-up
&
Internal 120 k
Ω pull-down


Similar Part No. - W83195BG-118

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BG-101 WINBOND-W83195BG-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
More results

Similar Description - W83195BG-118

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Rohm
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
logo
List of Unclassifed Man...
VT8225 ETC-VT8225 Datasheet
20Kb / 4P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com