Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK202-50Y Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK202-50Y
Description  PowerMOS transistor TOPFET high side switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK202-50Y Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK202-50Y Datasheet HTML 4Page - NXP Semiconductors BUK202-50Y Datasheet HTML 5Page - NXP Semiconductors BUK202-50Y Datasheet HTML 6Page - NXP Semiconductors BUK202-50Y Datasheet HTML 7Page - NXP Semiconductors BUK202-50Y Datasheet HTML 8Page - NXP Semiconductors BUK202-50Y Datasheet HTML 9Page - NXP Semiconductors BUK202-50Y Datasheet HTML 10Page - NXP Semiconductors BUK202-50Y Datasheet HTML 11Page - NXP Semiconductors BUK202-50Y Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK202-50Y
TOPFET high side switch
Fig.16. Typical input threshold voltages.
V
IG = f(Tj); conditions VBG = 13 V, IL = 100 mA
Fig.17. Typical input clamping voltage.
V
IG = f(Tj); conditions II = 200 µA, VBG = 13 V
Fig.18. Typical status characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = VBG = 0 V
Fig.19. Typical status leakage current.
I
S = f(Tj); conditions VSG = 5 V, VIG = VBG = 0 V
Fig.20. Typical status low characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = 5 V, VBG = 13 V, IL = 0 A
Fig.21. Typical status low voltage, V
SG = f(Tj).
conditions I
S = 50 µA, VIG = 5 V, VBG = 13 V, IL = 0 A
-60
-20
20
60
100
140
180
Tj / C
VIG / V
BUK202-50Y
3.0
2.5
2.0
1.5
1.0
VIG(ON)
VIG(OFF)
-60
-20
20
60
100
140
180
Tj / C
IS
BUK202-50Y
10 uA
1 uA
100 nA
10 nA
-60
-20
20
60
100
140
180
Tj / C
VIG / V
BUK202-50Y
8.0
7.5
7.0
6.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VSG / V
IS / uA
BUK202-50Y
500
400
300
200
100
0
0
2
4
6
8
10
VSG / V
IS / mA
BUK202-50Y
20
15
10
5
0
-60
-20
20
60
100
140
180
Tj / C
VSG / V
BUK202-50Y
1
0.8
0.6
0.4
0.2
0
April 1995
8
Rev 1.100


Similar Part No. - BUK202-50Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK202-50X PHILIPS-BUK202-50X Datasheet
125Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
More results

Similar Description - BUK202-50Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK201-50X PHILIPS-BUK201-50X Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK219-50Y PHILIPS-BUK219-50Y Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001-Rev 2.000
BUK203-50X PHILIPS-BUK203-50X Datasheet
123Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 1 Rev 1.100
BUK200-50Y PHILIPS-BUK200-50Y Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
PIP3201-A PHILIPS-PIP3201-A Datasheet
196Kb / 13P
   PowerMOS transistor TOPFET high side switch
May 2001 Rev 1.010
BUK223-50Y PHILIPS-BUK223-50Y Datasheet
52Kb / 8P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
BUK201-50Y PHILIPS-BUK201-50Y Datasheet
124Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK210-50Y PHILIPS-BUK210-50Y Datasheet
197Kb / 13P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
PIP3208-A PHILIPS-PIP3208-A Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com