Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6J70A-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA6J70A-TR
Description  High junction temperature Transil TM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J70A-TR Datasheet(HTML) 4 Page - STMicroelectronics

  SMA6J70A-TR Datasheet HTML 1Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 2Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 3Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 4Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 5Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 6Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 7Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 8Page - STMicroelectronics SMA6J70A-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMA6J
4/10
Figure 3.
Clamping voltage versus peak pulse current
(exponential waveform, maximum values)
Figure 1.
Peak power dissipation versus
initial junction temperature
Figure 2.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25° C)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
200
%
T (°C)
j
0.1
1.0
10.0
0.01
0.10
1.00
10.00
P
(kW)
PP
t (ms)
p
T initial=25°C
j
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1
10
100
1000
I
(A)
PP
V
(V)
CL
T = 25°C
j
t = 20 µs
p
t = 1 ms
p
SMA6J5.0A/CA
SMA6J10A/CA
SMA6J15A/CA
SMA6J188A/CA
SMA6J100A/CA
SMA6J48A/CA
SMA6J26A/CA


Similar Part No. - SMA6J70A-TR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMA6J70A-Q BOURNS-SMA6J70A-Q Datasheet
159Kb / 6P
   SMA6J-Q Transient Voltage Suppressor Diode Series
REV. 10/20
More results

Similar Description - SMA6J70A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
1-5KE6V8A STMICROELECTRONICS-1-5KE6V8A Datasheet
150Kb / 6P
   TRANSIL-TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com