Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30402 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL30402
Description  SONET/SDH Network Element PLL
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30402 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL30402 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30402 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2006, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• Meets requirements of GR-253 for SONET
stratum 3 and SONET Minimum Clocks (SMC)
• Meets requirements of GR-1244 for stratum 3
• Meets requirements of G.813 Option 1 and 2 for
SDH Equipment Clocks (SEC)
• Generates clocks for ST-BUS, DS1, DS2, DS3,
OC-3, E1, E2, E3, STM-1 and 19.44 MHz
• Holdover accuracy to 1x10 -12 meets GR-1244
Stratum 3E and ITU-T G.812 requirements
• Continuously monitors Primary and Secondary
reference clocks
• Provides “hit-less” reference switching
• Compensates for Master Clock Oscillator
accuracy
• Detects frequency of both reference clocks and
synchronizes to any combination of 8 kHz,
1.544 MHz, 2.048 MHz and 19.44 MHz reference
frequencies.
• Allows Hardware or Microprocessor control
• Pin compatible with MT90401 device.
Applications
• Synchronization for SDH and SONET Network
Elements
• Clock generation for ST-BUS and GCI
backplanes
Description
The ZL30402 is a Network Element Phase-Locked
Loop designed to synchronize SDH and SONET
systems. In addition, it generates multiple clocks for
legacy PDH equipment and provides timing for ST-BUS
and GCI backplanes.
The ZL30402 operates in NORMAL (LOCKED),
HOLDOVER and FREE-RUN modes to ensure that in
the presence of jitter, wander and interruptions to the
reference
signals,
the
generated
clocks
meet
international standards. The filtering characteristics of
the PLL are hardware or software selectable and they
do not require any external adjustable components.
The ZL30402 uses an external 20 MHz Master Clock
Oscillator to provide a stable timing source for the
HOLDOVER operation.
The ZL30402 operates from a single 3.3 V power
supply and offers a 5 V tolerant microprocessor
interface.
May 2006
Ordering Information
ZL30402/QCC
80 Pin LQFP
Trays
ZL30402QCG1
80 Pin LQFP* Trays, Bake & Drypack
*Pb Free Matte Tin
-40
°C to +85°C
ZL30402
SONET/SDH Network Element PLL
Data Sheet
Figure 1 - Functional Block Diagram
Control State Machine
MUX
Microport
Primary
Acquisition
PLL
MS1 MS2
HW
RESET
SEC
Trst
C19o
C34/C44
C16o
C8o
C4o
C2o
C1.5o
F16o
F8o
PRI
C6o
HOLDOVER
LOCK
D0-D7
R/W
CS
C155P/N
E3DS3/OC3
F0o
Secondary
Acquisition
PLL
RefAlign
DS
E3/DS3
JTAG
IEEE
1149.1a
Master Clock
Frequency
Calibration
APLL
A0-A6
Tms
Tdo
Tdi
Tclk
Clock
Synthesizer
Core PLL
RefSel
FCS
C20i
VDD GND


Similar Part No. - ZL30402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30402 ZARLINK-ZL30402 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30402/QCC ZARLINK-ZL30402/QCC Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30402QCC1 ZARLINK-ZL30402QCC1 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
More results

Similar Description - ZL30402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
ZL30407 ZARLINK-ZL30407_06 Datasheet
605Kb / 57P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30108 ZARLINK-ZL30108_06 Datasheet
309Kb / 28P
   SONET/SDH Network Interface DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com