Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9973GCCB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9973GCCB
Description  Dual Driver/Comparator/Load with Internal DACs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9973GCCB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9973GCCB Datasheet HTML 1Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 2Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 3Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 4Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 5Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 6Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 7Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 8Page - Maxim Integrated Products MAX9973GCCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Dual Driver/Comparator/Load
with Internal DACs
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0.2VP-P programmed, VDHV_ = 0.2V, VDLV_ = 0,
20% to 80%
0.20
1VP-P programmed, VDHV_ = 1V, VDLV_ = 0,
10% to 90%
0.35
0.50
0.75
3VP-P programmed, VDHV_ = 3V, VDLV_ = 0,
10% to 90%, trim condition
1.0
1.2
1.5
Rise and Fall Time
5VP-P programmed VDHV_ = 5V, VDLV_ = 0,
10% to 90%
2.0
ns
0.2VP-P programmed, VDHV_ = 0.2V, VDLV_ = 0,
20% to 80%
40
1VP-P programmed, VDHV_ = 1V, VDLV_ = 0,
10% to 90%
150
3VP-P programmed, VDHV_ = 3V, VDLV_ = 0,
10% to 90
200
Rise and Fall Time Matching
5VP-P programmed, VDHV_ = 5V, VDLV_ = 0,
10% to 90% (Note 2)
250
ps
SC1 = 0, SC0 = 1, VDHV_ = 3V,
VDLV_ = 0, 20% to 80%
75
SC1 = 1, SC0 = 0, VDHV_ = 3V,
VDLV_ = 0, 20% to 80%
50
Slew Rate
Relative
to SC1 =
SC0 = 0
SC1 = 1, SC0 = 1, VDHV_ = 3V,
VDLV_ = 0, 20% to 80%
25
%
0.2VP-P programmed,
VDHV_ = 0.2V, VDLV_ = 0
0.4
1VP-P programmed VDHV_ = 1V,
VDLV_ = 0 (Note 2)
0.7
2
3VP-P programmed VDHV_ = 3V,
VDLV_ = 0 (Note 2)
1.5
2.5
Minimum Pulse Width (Note 13)
Positive or
negative
5VP-P programmed VDHV_ = 5V,
VDLV_ = 0 (Note 2)
2.4
3.5
ns
0.2VP-P programmed, VDHV_ = 0.2V, VDLV_ = 0
2900
1VP-P programmed, VDHV_ = 1V, VDLV_ = 0
1300
3VP-P programmed, VDHV_ = 3V, VDLV_ = 0
600
Data Rate (Note 14)
5VP-P programmed, VDHV_ = 5V, VDLV_ = 0
400
Mbps
Rise and Fall Time, Drive to Term
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V,
measured 10% to 90% of waveform
1.6
ns
Rise and Fall Time, Term to Drive
VDHV_ = 3V, VDLV_ = 0, VDTV_ = 1.5V,
measured 10% to 90% of waveform
0.7
ns
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -4.75V, VDD = 3.3V, VDHV_ = +3V, VDLV_ = 0, VDTV_ = +1.5V, SC1 = SC0 = 0, VCHV_ = +2.0V, VCLV_ = +1.0V,
VCPHV_ = +7.2V, VCPLV_ = -2.2V, VVTERM = VT_ = +1.8V, RT = 50Ω || 1pF, TJ = +70°C, unless otherwise noted. All temperature coefficients
are measured at TJ = +40°C to +100°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9973GCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997 MAXIM-MAX997 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX997 MAXIM-MAX997 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX997 MAXIM-MAX997 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX9972 MAXIM-MAX9972 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
More results

Similar Description - MAX9973GCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
   Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com