Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD310 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD310
Description  TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310 Datasheet(HTML) 9 Page - STMicroelectronics

  TD310_01 Datasheet HTML 1Page - STMicroelectronics TD310_01 Datasheet HTML 2Page - STMicroelectronics TD310_01 Datasheet HTML 3Page - STMicroelectronics TD310_01 Datasheet HTML 4Page - STMicroelectronics TD310_01 Datasheet HTML 5Page - STMicroelectronics TD310_01 Datasheet HTML 6Page - STMicroelectronics TD310_01 Datasheet HTML 7Page - STMicroelectronics TD310_01 Datasheet HTML 8Page - STMicroelectronics TD310_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TD310
9/9
PACKAGE MECHANICAL DATA
16 PINS - PLASTIC MICROPACKAGE (SO)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45° (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.209
L
0.5
1.27
0.020
0.050
M
0.62
0.024
S
8° (max.)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
© http://www.st.com


Similar Part No. - TD310_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310D STMICROELECTRONICS-TD310D Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD310I STMICROELECTRONICS-TD310I Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD310I STMICROELECTRONICS-TD310I Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310I STMICROELECTRONICS-TD310I Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
TD310ID STMICROELECTRONICS-TD310ID Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
More results

Similar Description - TD310_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310IDT STMICROELECTRONICS-TD310IDT Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
   15V TRIPLE IGBT/MOS DRIVER
logo
ON Semiconductor
NCD57085 ONSEMI-NCD57085 Datasheet
324Kb / 23P
   Isolated Compact IGBT Gate Driver with Current Sense
March, 2021 - Rev. 0
logo
Shenzhen Huazhimei Semi...
HM4116 HMSEMI-HM4116 Datasheet
506Kb / 8P
   Built-in 5A MOS high-side current-sense buck LED constant current driver
logo
STMicroelectronics
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
   Double channel high-side driver with analog current sense
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Texas Instruments
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com