Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2604AU Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2604AU
Description  Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2604AU Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2604AU Datasheet HTML 1Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 2Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 3Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 4Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 5Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 6Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 7Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 8Page - Burr-Brown (TI) OPA2604AU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
OPA2604
®
PIN CONFIGURATION
1
2
3
4
Output A
–In A
+In A
V–
8
7
6
5
V+
Output B
–In B
+In B
Top View
DIP/SOIC
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply Voltage .......................................................................
±25V
Input Voltage ............................................................. (V–)–1V to (V+)+1V
Output Short Circuit to Ground ............................................... Continuous
Operating Temperature ................................................. –40
°C to +100°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) AP ......................................... +300
°C
Lead Temperature (soldering, 3s) AU .......................................... +260
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
ORDERING INFORMATION
PRODUCT
PACKAGE
TEMP. RANGE
OPA2604AP
8-Pin Plastic DIP
–25
°C to +85°C
OPA2604AU
SO-8 Surface-Mount
–25
°C to +85°C
PACKAGING INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA2604AP
8-Pin Plastic DIP
006
OPA2604AU
SO-8 Surface-Mount
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - OPA2604AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604AU BURR-BROWN-OPA2604AU Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604AU TI1-OPA2604AU Datasheet
435Kb / 26P
[Old version datasheet]   Dual FET-Input, Low-Distortion Operational Amplifier
OPA2604AUE4 TI1-OPA2604AUE4 Datasheet
435Kb / 26P
[Old version datasheet]   Dual FET-Input, Low-Distortion Operational Amplifier
OPA2604AUG4 TI1-OPA2604AUG4 Datasheet
435Kb / 26P
[Old version datasheet]   Dual FET-Input, Low-Distortion Operational Amplifier
More results

Similar Description - OPA2604AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604 Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
OPA2604 TI1-OPA2604 Datasheet
435Kb / 26P
[Old version datasheet]   Dual FET-Input, Low-Distortion Operational Amplifier
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
   J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com