Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF1682-70-4E-LFSE Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST32HF1682-70-4E-LFSE
Description  Multi-Purpose Flash Plus SRAM ComboMemory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF1682-70-4E-LFSE Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST32HF1682-70-4E-LFSE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST32HF1682-70-4E-LFSE Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Preliminary Specifications
Multi-Purpose Flash Plus + SRAM ComboMemory
SST32HF1642 / SST32HF1682 / SST32HF3242 / SST32HF3282
SST32HF1622C / SST32HF1642C / SST32HF3242C
7
©2005 Silicon Storage Technology, Inc.
S71253-03-000
5/05
FIGURE 1: PIN ASSIGNMENTS FOR 62-BALL LFBGA (8MM X 10MM)
FIGURE 2: PIN ASSIGNMENTS FOR 63-BALL LFBGA (8MM X 10MM)
NC
NC
A20
A16
WEF#
VSSS
WP#
LBS#
A18
NC
A11
A8
NC
RST#
NC
UBS#
A17
A5
A15
A10
A19
OES#
A7
A4
A14
A9
DQ11
A6
A0
A13
DQ15
DQ13
DQ12
DQ9
A3
BEF#
A12
WES#
DQ6
BES2
DQ10
DQ8
A2
VSSF
VSSF
DQ14
DQ4
VDDS
DQ2
DQ0
A1
OEF#
NC
DQ7
DQ5
VDDF
DQ3
DQ1
BES1#
NC
NC
NC
A B C D E F G H J K
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)
SST32HF16x2x/32x2x
A11
A8
WE#
WP#
LBS#
A7
A15
A12
A19
BES2
RST#
UBS#
A6
A3
A21
A13
A9
A20
NC
A18
A5
A2
NC
A14
A10
A17
A4
A1
A16
NC
DQ6
DQ1
VSS
A0
NC
DQ15
DQ13
DQ4
DQ3
DQ9
OE#
BEF#
NC
NC
NC
NC
NC
NC
NC
VSS
DQ7
DQ12
VDDS
VDDF
DQ10
DQ0
BES1#
DQ14
DQ5
NC
DQ11
DQ2
DQ8
A B C D E F G H J K
8
7
6
5
4
3
2
1
TOP VIEW (balls facing down)


Similar Part No. - SST32HF1682-70-4E-LFSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF1681 SST-SST32HF1681 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
More results

Similar Description - SST32HF1682-70-4E-LFSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com