Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4955DY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI4955DY
Description  Asymmetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4955DY Datasheet(HTML) 7 Page - Vishay Siliconix

  SI4955DY Datasheet HTML 1Page - Vishay Siliconix SI4955DY Datasheet HTML 2Page - Vishay Siliconix SI4955DY Datasheet HTML 3Page - Vishay Siliconix SI4955DY Datasheet HTML 4Page - Vishay Siliconix SI4955DY Datasheet HTML 5Page - Vishay Siliconix SI4955DY Datasheet HTML 6Page - Vishay Siliconix SI4955DY Datasheet HTML 7Page - Vishay Siliconix SI4955DY Datasheet HTML 8Page - Vishay Siliconix SI4955DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 72241
S-61006-Rev. C, 12-Jun-06
www.vishay.com
7
Vishay Siliconix
Si4955DY
CHANNEL 2 TYPICAL CHARACTERISTICS 25 °C unless noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
20
10
1
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.02
0.04
0.06
0.08
0.10
0
1234
5
ID = 7 A
VGS - Gate-to-Source Voltage (V)
0
20
30
10
15
Time (sec)
25
1
100
600
10
10- 1
10- 2
10- 3
5
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
10
0.01
0.1
1
10
100
1
100
dc
0.1
P(t) = 10
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
TA = 25 °C
Single Pulse
IDM Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited


Similar Part No. - SI4955DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4955DY VISHAY-SI4955DY Datasheet
92Kb / 8P
   Assymetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Rev. B, 24-Nov-03
logo
VBsemi Electronics Co.,...
SI4955DY-T1-E3 VBSEMI-SI4955DY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI4955DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4955DY VISHAY-SI4955DY Datasheet
92Kb / 8P
   Assymetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Rev. B, 24-Nov-03
VP0300L VISHAY-VP0300L_V01 Datasheet
56Kb / 5P
   P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VQ3001J VISHAY-VQ3001J Datasheet
50Kb / 6P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
Rev. D, 16-Jul-01
VQ3001J VISHAY-VQ3001J_V01 Datasheet
63Kb / 7P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VP0300L VISHAY-VP0300L Datasheet
42Kb / 4P
   P-Channel 30-V (D-S) MOSFETs
Rev. E, 16-Jul-01
SI4926DY VISHAY-SI4926DY Datasheet
84Kb / 7P
   Asymmetrical Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 21-Feb-00
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com