Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9074 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT9074 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 151 page
background image
MT9074
Data Sheet
3
Zarlink Semiconductor Inc.
Figure 2 - Pin Connections
100 PIN MQFP (JEDEC MO-112)
68 PIN PLCC
60
TxAO
CS
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
Trst
Tclk
Tms
Tdo
Tdi
GNDATX
TRING
TTIP
VDDATX
VDD
RxFP
F0b
VSS
IC
E1.5o/C1.5o
RESET
IRQ
D0
D1
D2
D3
VSS
IC
INT/MOT
VDD
D4
D5
D6
D7
R/W/WR
AC0
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
C4b
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
22
24
26
28
30
32
34
36
38
40
44
46
48
42
82
100
98
96
94
92
88
86
84
90
20
18
16
14
12
10
8
6
4
2
TxAO
Tclk
Tms
Tdo
Tdi
GNDATX
F0b
C4b
E1.5o/C1.5o
NC
TRING
TTIP
VDDATX
VDD
VSS
IC
RxFP
NC
Trst
NC
NC
NC
CS
RESET
IRQ
D0
D1
D2
D3
VSS
INT/MOT
D6
R/W/WR
IC
VDD
D4
D5
D7
NC
AC0


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Mitel Networks Corporat...
MT9074AL MITEL-MT9074AL Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
MT9074AP MITEL-MT9074AP Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com