Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS922 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS922
Description  Rail-to-rail high output current dual operational amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922 Datasheet(HTML) 1 Page - STMicroelectronics

  TS922 Datasheet HTML 1Page - STMicroelectronics TS922 Datasheet HTML 2Page - STMicroelectronics TS922 Datasheet HTML 3Page - STMicroelectronics TS922 Datasheet HTML 4Page - STMicroelectronics TS922 Datasheet HTML 5Page - STMicroelectronics TS922 Datasheet HTML 6Page - STMicroelectronics TS922 Datasheet HTML 7Page - STMicroelectronics TS922 Datasheet HTML 8Page - STMicroelectronics TS922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
January 2007
Rev 6
1/21
21
TS922
Rail-to-rail high output current dual operational amplifier
Features
Rail-to-rail input and output
Low noise: 9nV/Hz
Low distortion
High output current: 80mA
(able to drive 32
Ω loads)
High-speed: 4MHz, 1V/
μs
Operating from 2.7V to 12V
Low input offset voltage: 900
μV max (TS922A)
ESD Internal protection: 2kV
Latch-up immunity
Macromodel included in this specification
Dual version available in flip-chip package
Description
The TS922 is a rail-to-rail dual BiCMOS
operational amplifier optimized and fully specified
for 3V and 5V operation.
The device’s high output current allows low-load
impedances to be driven.
Very low noise, low distortion, low offset and a
high output current capability make this device an
excellent choice for high quality, low voltage or
battery operated audio systems.
The device is stable for capacitive loads up to
500pF.
Applications
Headphone amplifier
Sound cards, multimedia systems
Line driver, actuator driver
Servo amplifier
Mobile phone and portable equipment
Instrumentation with low noise as key factor
Piezoelectric speaker driver
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
J
(Flip-chip)
www.st.com


Similar Part No. - TS922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS9222 STMICROELECTRONICS-TS9222 Datasheet
511Kb / 16P
   HIgh precision high stability dual and quad operational amplifiers
May 2014 Rev 5
TS9222ID STMICROELECTRONICS-TS9222ID Datasheet
511Kb / 16P
   HIgh precision high stability dual and quad operational amplifiers
May 2014 Rev 5
TS9222IDT STMICROELECTRONICS-TS9222IDT Datasheet
511Kb / 16P
   HIgh precision high stability dual and quad operational amplifiers
May 2014 Rev 5
TS9222IPT STMICROELECTRONICS-TS9222IPT Datasheet
511Kb / 16P
   HIgh precision high stability dual and quad operational amplifiers
May 2014 Rev 5
More results

Similar Description - TS922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
   RobuST, rail-to-rail, high output current dual operational amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
   High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com