Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF1621C-70-4E-LFSE Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST32HF1621C-70-4E-LFSE
Description  Multi-Purpose Flash Plus SRAM ComboMemory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF1621C-70-4E-LFSE Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST32HF1621C-70-4E-LFSE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF1621C-70-4E-LFSE Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
Preliminary Specifications
Multi-Purpose Flash Plus + SRAM ComboMemory
SST32HF1641 / SST32HF1681 / SST32HF3241 / SST32HF3281
SST32HF1621C / SST32HF1641C / SST32HF3241C
©2005 Silicon Storage Technology, Inc.
S71236-04-000
5/05
Product Identification Mode Exit/Reset
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Exit ID command sequence,
which returns the device to the Read operation. Please
note that the software reset command is ignored during an
internal Program or Erase operation. This command may
also be used to reset the device to Read mode after any
inadvertent transient condition that apparently causes the
device to behave abnormally, e.g. not read correctly. See
Table 5 for software command codes, Figure 15 for timing
waveform and Figure 23 for a flowchart.
Security ID
The SST32HFx1/x1C devices offer a 256-bit Security ID
space. The Secure ID space is divided into two 128-bit seg-
ments - one factory programmed segment and one user
programmed segment. The first segment is programmed
and locked at SST with a random 128-bit number. The user
segment is left un-programmed for the customer to pro-
gram as desired.
To program the user segment of the Security ID, the user
must use the Security ID Word-Program command. To
detect end-of-write for the SEC ID, read the toggle bits. Do
not use Data# Polling. Once this is complete, the Sec ID
should be locked using the User Sec ID Program Lock-Out.
This disables any future corruption of this space. Note that
regardless of whether or not the Sec ID is locked, neither
Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-
byte command sequence with Enter Sec ID command
(88H) at address 5555H in the last byte sequence. To exit
this mode, the Exit Sec ID command should be executed.
Refer to Table 5 for more details.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
device. Additionally, a low frequency 4.7 µF electrolytic
capacitor from VDD to VSS should be placed within 1 cm of
the VDD pin.
I/O Buffers
1236 B1.5
Address Buffers
DQ15 - DQ8
AMS-A0
WE
1#
SuperFlash
Memory
SRAM/
PSRAM
Control Logic
BES1#
BES2
BEF#
OE
1#
RESET#
WP#
Address Buffers
& Latches
LBS#
UBS#
DQ7 - DQ0
Notes: 1. For LS package only:
WE# = WEF# and/or WES#
OE# = OEF# and/or OES#
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SST32HF1621C-70-4E-LFSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF162 SST-SST32HF162 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4C-EK SST-SST32HF162-70-4C-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4C-TBK SST-SST32HF162-70-4C-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4E-EK SST-SST32HF162-70-4E-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4E-TBK SST-SST32HF162-70-4E-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF1621C-70-4E-LFSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com