Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF1621C-70-4C-LFSE Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST32HF1621C-70-4C-LFSE
Description  Multi-Purpose Flash Plus SRAM ComboMemory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF1621C-70-4C-LFSE Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST32HF1621C-70-4C-LFSE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF1621C-70-4C-LFSE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
Preliminary Specifications
Multi-Purpose Flash Plus + SRAM ComboMemory
SST32HF1641 / SST32HF1681 / SST32HF3241 / SST32HF3281
SST32HF1621C / SST32HF1641C / SST32HF3241C
©2005 Silicon Storage Technology, Inc.
S71236-04-000
5/05
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the Write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either DQ7 or DQ6. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.
Flash Data# Polling (DQ7)
When the SST32HFx1/x1C flash memory banks are in the
internal Program operation, any attempt to read DQ7 will
produce the complement of the true data. Once the Pro-
gram operation is completed, DQ7 will produce true data.
Note that even though DQ7 may have valid data immedi-
ately following the completion of an internal Write opera-
tion, the remaining data outputs may still be invalid: valid
data on the entire data bus will appear in subsequent suc-
cessive Read cycles after an interval of 1 µs. During inter-
nal Erase operation, any attempt to read DQ7 will produce
a ‘0’. Once the internal Erase operation is completed, DQ7
will produce a ‘1’. The Data# Polling is valid after the rising
edge of the fourth WE# (or BEF#) pulse for Program opera-
tion. For Sector- or Block-Erase, the Data# Polling is valid
after the rising edge of the sixth WE# (or BEF#) pulse. See
Figure 9 for Data# Polling timing diagram and Figure 22 for
a flowchart.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating “1”s
and “0”s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the DQ6 bit will
stop toggling. The device is then ready for the next opera-
tion. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6)
is valid after the rising edge of sixth WE# (or BEF#) pulse.
DQ6 will be set to “1” if a Read operation is attempted on an
Erase-Suspended Sector/Block. If Program operation is ini-
tiated in a sector/block not selected in Erase-Suspend
mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be
used in conjunction with DQ6 to check whether a particular
sector is being actively erased or erase-suspended. Table 1
shows detailed status bits information. The Toggle Bit
(DQ2) is valid after the rising edge of the last WE# (or
BEF#) pulse of Write operation. See Figure 10 for Toggle
Bit timing diagram and Figure 22 for a flowchart.
Note: DQ7 and DQ2 require a valid address when reading
status information.
Flash Memory Data Protection
The SST32HFx1/x1C flash memory bank provides both
hardware and software features to protect nonvolatile data
from inadvertent writes.
Flash Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than
5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, BEF# high, or WE#
high will inhibit the flash Write operation. This prevents
inadvertent writes during power-up or power-down.
TABLE
1: WRITE OPERATION STATUS
Status
DQ7
DQ6
DQ2
Normal
Operation
Standard
Program
DQ7#
Toggle
No Toggle
Standard
Erase
0
Toggle
Toggle
Erase-
Suspend
Mode
Read from
Erase-Suspended
Sector/Block
1
1
Toggle
Read from
Non- Erase-Suspended
Sector/Block
Data
Data
Data
Program
DQ7#
Toggle
N/A
T1.0 1236


Similar Part No. - SST32HF1621C-70-4C-LFSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF162 SST-SST32HF162 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4C-EK SST-SST32HF162-70-4C-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4C-TBK SST-SST32HF162-70-4C-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4E-EK SST-SST32HF162-70-4E-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF162-70-4E-TBK SST-SST32HF162-70-4E-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF1621C-70-4C-LFSE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com