Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6059 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N6059
Description  SILICON NPN POWER DARLINGTON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6059 Datasheet(HTML) 2 Page - STMicroelectronics

  2N6059 Datasheet HTML 1Page - STMicroelectronics 2N6059 Datasheet HTML 2Page - STMicroelectronics 2N6059 Datasheet HTML 3Page - STMicroelectronics 2N6059 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.17
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = -1.5V)
VCE = rated VCEX
VCE = rated VCEX
Tc = 150
o C
0.5
5
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 50 V
1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
2
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
100
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 6 A
IB = 24 mA
IC = 12 A
IB = 120 mA
2
3
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 12 A
IB = 120 mA
4
V
VBE
Base-Emitter Voltage
IC = 6 A
VCE = 3 V
2.8
V
hFE
DC Current Gain
IC = 6 A
VCE = 3 V
IC = 12 A
VCE = 3 V
750
100
fT
Transition frequency
IC = 5 A
VCE = 3 V
f =1 MHz
4
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2N6059
2/4


Similar Part No. - 2N6059

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6059 MOSPEC-2N6059 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
logo
Seme LAB
2N6059 SEME-LAB-2N6059 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
ON Semiconductor
2N6059 ONSEMI-2N6059 Datasheet
190Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Seme LAB
2N6059 SEME-LAB-2N6059 Datasheet
185Kb / 3P
   SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
STMicroelectronics
2N6059 STMICROELECTRONICS-2N6059 Datasheet
64Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTOR
June 1997
More results

Similar Description - 2N6059

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1202 ISC-2SD1202 Datasheet
253Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD650 ISC-2SD650 Datasheet
266Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
M/A-COM Technology Solu...
2N6249 MA-COM-2N6249 Datasheet
446Kb / 4P
   NPN Darlington Power Silicon Transistor
logo
New Jersey Semi-Conduct...
BU180 NJSEMI-BU180 Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BU807FI NJSEMI-BU807FI Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX33A NJSEMI-BDX33A Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX53F NJSEMI-BDX53F Datasheet
129Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com