Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF3241C Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST32HF3241C
Description  Multi-Purpose Flash Plus SRAM ComboMemory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF3241C Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST32HF3241C Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF3241C Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
©2005 Silicon Storage Technology, Inc.
S71236-04-000
5/05
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF+ and ComboMemory are trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
ComboMemories organized as:
– SST32HF1621C: 1M x16 Flash + 128K x16 SRAM
– SST32HF1641x: 1M x16 Flash + 256K x16 SRAM
– SST32HF1681: 1M x16 Flash + 256K x16 SRAM
– SST32HF3241x: 2M x16 Flash + 256K x16 SRAM
– SST32HF3281: 2M x16 Flash + 512K x16 SRAM
Single 2.7-3.3V Read and Write Operations
Concurrent Operation
– Read from or Write to SRAM while
Erase/Program Flash
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 15 mA (typical) for
Flash or SRAM Read
– Standby Current:
- SST32HFx1: 60 µA (typical)
- SST32HFx1C: 12 µA (typical)
Flexible Erase Capability
– Uniform 2 KWord sectors
– Uniform 32 KWord size blocks
Erase-Suspend/Erase-Resume Capabilities
Security-ID Feature
– SST: 128 bits; User: 128 bits
Hardware Block-Protection/WP# Input Pin
– Bottom Block-Protection (bottom 32 KWord)
Fast Read Access Times:
– Flash: 70 ns
–SRAM: 70 ns
Latched Address and Data for Flash
Flash Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
– Word-Program Time: 7 µs (typical)
Flash Automatic Erase and Program Timing
– Internal VPP Generation
Flash End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard Command Set
Package Available
– 63-ball LFBGA (8mm x 10mm x 1.4mm)
– 62-ball LFBGA (8mm x 10mm x 1.4mm)
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST32HFx1/x1C ComboMemory devices integrate
a CMOS flash memory bank with a CMOS SRAM mem-
ory bank in a Multi-Chip Package (MCP), manufactured
with SST’s proprietary, high performance SuperFlash
technology. The SST32HF16x1/32x1 devices use a
PseudoSRAM. The SST32HF16x1C/32x1C devices use
standard SRAM.
Featuring high performance Word-Program, the flash
memory bank provides a maximum Word-Program time of
7 µsec. To protect against inadvertent flash write, the
SST32HFx1/x1C devices contain on-chip hardware and
software data protection schemes. The SST32HFx1/x1C
devices offer a guaranteed endurance of 10,000 cycles.
Data retention is rated at greater than 100 years.
The SST32HFx1/x1C devices consist of two independent
memory banks with respective bank enable signals. The
Flash and SRAM memory banks are superimposed in the
same memory address space. Both memory banks share
common address lines, data lines, WE# and OE#. The
memory bank selection is done by memory bank enable
signals. The SRAM bank enable signal, BES# selects the
SRAM bank. The flash memory bank enable signal, BEF#
selects the flash memory bank. The WE# signal has to be
used with Software Data Protection (SDP) command
sequence when controlling the Erase and Program opera-
tions in the flash memory bank. The SDP command
sequence protects the data stored in the flash memory
bank from accidental alteration.
The SST32HFx1/x1C provide the added functionality of
being able to simultaneously read from or write to the
SRAM bank while erasing or programming in the flash
memory bank. The SRAM memory bank can be read or
written while the flash memory bank performs Sector-
Erase, Bank-Erase, or Word-Program concurrently. All
flash memory Erase and Program operations will automati-
cally latch the input address and data signals and complete
the operation in background without further input stimulus
requirement. Once the internally controlled Erase or Pro-
gram cycle in the flash bank has commenced, the SRAM
bank can be accessed for Read or Write.
Multi-Purpose Flash Plus + SRAM ComboMemory
SST32HF1641 / SST32HF1681 / SST32HF3241 / SST32HF3281
SST32HF1621C / SST32HF1641C / SST32HF3241C
SST32HF324 / 32832Mb Flash + 4Mb SRAM, 32Mb Flash + 8Mb SRAM
(x16) MCP ComboMemories


Similar Part No. - SST32HF3241C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF3242 SST-SST32HF3242 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF3242-70-4C-LFS SST-SST32HF3242-70-4C-LFS Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF3242-70-4C-LFSE SST-SST32HF3242-70-4C-LFSE Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF3242-70-4C-LS SST-SST32HF3242-70-4C-LS Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF3242-70-4C-LSE SST-SST32HF3242-70-4C-LSE Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
More results

Similar Description - SST32HF3241C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com