Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA4311UA1 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA4311UA1
Description  4-Channel Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA4311UA1 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PGA4311UA1 Datasheet HTML 1Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 2Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 3Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 4Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 5Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 6Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 7Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 8Page - Burr-Brown (TI) PGA4311UA1 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PGA4311
SBOS230A – MARCH 2002 – REVISED JUNE 2002
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, VA+ = +5V, VA– = –5V, VD+ = +5V, RL = 100kΩ, CL = 20pF, BW measure = 10Hz to 20kHz, unless otherwise noted.
(NOTE: All plots taken with PGA4311 A–Grade.)


Similar Part No. - PGA4311UA1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA4311UA BURR-BROWN-PGA4311UA Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
PGA4311UA/1K BURR-BROWN-PGA4311UA/1K Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
More results

Similar Description - PGA4311UA1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311 Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com