Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1431IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL1431IDT
Description  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TL1431IDT Datasheet HTML 1Page - STMicroelectronics TL1431IDT Datasheet HTML 2Page - STMicroelectronics TL1431IDT Datasheet HTML 3Page - STMicroelectronics TL1431IDT Datasheet HTML 4Page - STMicroelectronics TL1431IDT Datasheet HTML 5Page - STMicroelectronics TL1431IDT Datasheet HTML 6Page - STMicroelectronics TL1431IDT Datasheet HTML 7Page - STMicroelectronics TL1431IDT Datasheet HTML 8Page - STMicroelectronics TL1431IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2
November 2005
1/13
13
TL1431
Programmable Voltage Reference
Adjustable output voltage: VREF to 36V
Sink current capability: 1 to 100mA
Typical output impedance: 0.22
0.4% and 0.25% voltage precision
Description
The TL1431 is a programmable shunt voltage
reference with guaranteed temperature stability
over the entire temperature range of operation.
The output voltage may be set to any value
between 2.5V and 36V with two external resistors.
The TL1431 operates with a wide current range
from
1
to
100mA
with
a
typical
dynamic
impedance of 0.2
Ω.
Order Codes
Z
TO92
(Plastic Package)
D
SO-8
(Batwing Plastic Micropackage)
Part Number
Temperature
Range
Package
Packing
Marking
TL1431CD/CDT
-20, +70°C
SO-8
Tube or Tape & Reel
1431C
TL1431ACD/ACDT
1431AC
TL1431CZ/CZT/CZ-AP
TO92
TL1431C
TL1431ACZ/ACZT/ACZ-
AP
TL1431AC
TL1431ID/IDT
-40, + 105°C
SO-8
1431I
TL1431AID/AIDT
1431AI
TL1431IZ/IZT/IZ-AP
TO92
TL1431I
TL1431AIZ/AIZT/AIZ-AP
TL1431AI
TL1431IYD/IYDT
SO-8 (automotive grade level)
1431IY
www.st.com


Similar Part No. - TL1431IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL1431IDT STMICROELECTRONICS-TL1431IDT Datasheet
234Kb / 16P
   Programmable voltage reference
More results

Similar Description - TL1431IDT

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com