Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP62NS04Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP62NS04Z
Description  N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP62NS04Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP62NS04Z_06 Datasheet HTML 1Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 2Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 3Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 4Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 5Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 6Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 7Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 8Page - STMicroelectronics STP62NS04Z_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP62NS04Z
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
Clamped
V
VGS
Gate-source voltage
Clamped
V
ID
Drain current (continuous) at TC = 25°C
62
A
ID
Drain current (continuous) at TC=100°C
37.5
A
IDG
Drain gate current (continuous)
± 50
IGS
Gate sourcecurrent (continuous)
± 50
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
248
A
PTOT
Total dissipation at TC = 25°C
110
W
Derating factor
0.74
W/°C
dv/dt (2)
2.
ISD ≤40A, di/dt ≤100A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
8
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 20A, VDD = 20V
Single Pulse Avalanche Energy
500
mJ
VESD
ESD (HBM - C = 100pF, R = 1.5 k
Ω)8
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1.36
°C/W
RthJA
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C


Similar Part No. - STP62NS04Z_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
More results

Similar Description - STP62NS04Z_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
   N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
   N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY??MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
   N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
   N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
   N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
   N-channel clamped 8m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com