Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS12NF30L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS12NF30L
Description  N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12NF30L Datasheet(HTML) 4 Page - STMicroelectronics

  STS12NF30L Datasheet HTML 1Page - STMicroelectronics STS12NF30L Datasheet HTML 2Page - STMicroelectronics STS12NF30L Datasheet HTML 3Page - STMicroelectronics STS12NF30L Datasheet HTML 4Page - STMicroelectronics STS12NF30L Datasheet HTML 5Page - STMicroelectronics STS12NF30L Datasheet HTML 6Page - STMicroelectronics STS12NF30L Datasheet HTML 7Page - STMicroelectronics STS12NF30L Datasheet HTML 8Page - STMicroelectronics STS12NF30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STS12NF30L
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
1
µA
VDS=Max rating,TC=125°C
10
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 6A
VGS = 4.5V, ID = 6A
0.008
0.01
0.009
0.011
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5.
Forward transconductance
VDS = 15V, ID=6A
15
S
Ciss
Input capacitance
VDS = 25V, f = 1 MHz, VGS
= 0
2400
pF
Coss
Output capacitance
590
pF
Crss
Reverse transfer
capacitance
200
pF
Qg
Total gate charge
VDD = 24V, ID = 12A,
VGS = 4.5V
(see Figure 13)
35
50
nC
Qgs
Gate-source charge
9
nC
Qgd
Gate-drain charge
18
nC
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=15 V, ID=6A,
RG=4.7Ω, VGS= 4.5V
(see Figure 12)
35
90
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 15V, ID = 6A,
RG =4.7Ω, VGS =
4.5V
(see Figure 12)
80
35
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
fall time
cross-over time
VDD=24V, ID=12A,
RG=4.7Ω, VGS=4.5V
(see Figure 14)
35
35
80
ns
ns
ns


Similar Part No. - STS12NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
More results

Similar Description - STS12NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
   N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
STSJ50NH3LL STMICROELECTRONICS-STSJ50NH3LL Datasheet
683Kb / 13P
   N-channel 30V - 0.008ohm - 12A - PowerSO-8 Ultra low gate charge STripFET Power MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS8NF30L STMICROELECTRONICS-STS8NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
   N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com