Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2500 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA2500
Description  Digitally Controlled Microphone Preamplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2500 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PGA2500 Datasheet HTML 1Page - Burr-Brown (TI) PGA2500 Datasheet HTML 2Page - Burr-Brown (TI) PGA2500 Datasheet HTML 3Page - Burr-Brown (TI) PGA2500 Datasheet HTML 4Page - Burr-Brown (TI) PGA2500 Datasheet HTML 5Page - Burr-Brown (TI) PGA2500 Datasheet HTML 6Page - Burr-Brown (TI) PGA2500 Datasheet HTML 7Page - Burr-Brown (TI) PGA2500 Datasheet HTML 8Page - Burr-Brown (TI) PGA2500 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PGA2500
SBOS289A − NOVEMBER 2003 − REVISED DECEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All parameters specified with TA = +25
°C, VA+ = +5V, VA− = −5V, VD− = −5V, and V
COMIN = 0V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
PGA2500
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Characteristics
Step Size
Gain = 10dB through 65dB
1
dB
Gain Error
All Gain Settings
0.5
dB
AC Characteristics
THD+N with fIN = 1kHz
Gain = 0dB, VOUT = 3.5VRMS, VCOMIN = 0V
Gain = 30dB, VOUT = 3.5VRMS, VCOMIN = 0V
−114
−108
−108
−102
dB
dB
Analog Input
Maximum Input Voltage
Gain = 0dB
VA− +1.5
VA+ −2.0
V
Input Resistance
Per Input Pin
Differential
4600
9200
Analog Output
Output Voltage Range
VCOMIN = 0V, RL = 600
VA− +0.9
VA+ −0.9
V
Output Offset Voltage
DC Servo On, Any Gain
±0.04
±1
mV
Input Referred Offset
DC Servo Off, Gain = 30dB
±1
mV
Output Resistive Loading
600
Load Capacitance Stability
100
pF
Short Circuit Current
10-second duration
100
mA
Digital Characteristics
High-Level Input Voltage, VIH
+2.0
VA+
V
Low-Level Input Voltage, VIL
−0.3
0.8
V
High-Level Output Voltage, VOH
IO = 200
µA
(VA+) − 1.0
V
Low-Level Output Voltage, VOL
IO = −3.2mA
0.4
V
Input Leakage Current, IIN
2
10
µA
Switching Characteristics
Serial Clock (SCLK) Frequency
fSCLK
0
6.25
MHz
Serial Clock (SCLK) Pulse Width Low
tPH
80
ns
Serial Clock (SCLK) Pulse Width High
tPL
80
ns
Input Timing
SDI Setup Time
tSDS
20
ns
SDI Hold Time
tSDH
20
ns
CS Falling to SCLK Rising
tCSCR
90
ns
SCLK Falling to CS Rising
tCFCS
35
ns
Output Timing
CS Low to SDO Active
tCSO
35
ns
SCLK Falling to SDO Data Valid
tCFDO
60
ns
CS High to SDO High Impedance
tCSZ
100
ns
Power Supply
Operating Voltage
VA+
+4.75
+5
+5.25
V
VA−
−4.75
−5
−5.25
V
VD−
−4.75
−5
−5.25
V
Quiescent Current
IA+
VA+ = +5V
30
40
mA
IA−
VA− = −5V
30
40
mA
ID−
VD− = −5V
1
2
mA


Similar Part No. - PGA2500

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500IDBR BURR-BROWN-PGA2500IDBR Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
More results

Similar Description - PGA2500

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
logo
Texas Instruments
PGA2505 TI-PGA2505 Datasheet
571Kb / 20P
[Old version datasheet]   Digitally-Controlled MICROPHONE PREAMPLIFIER
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
Maxim Integrated Produc...
MAX9810 MAXIM-MAX9810 Datasheet
226Kb / 9P
   Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
List of Unclassifed Man...
FP23 ETC1-FP23 Datasheet
84Kb / 4P
   Model FP23 User Guide Microphone Preamplifier
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
   Low noise balanced input microphone preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com