Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS12NF30L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STS12NF30L
Description  N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12NF30L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STS12NF30L_07 Datasheet HTML 4Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 5Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 6Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 7Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 8Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 9Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 10Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 11Page - STMicroelectronics STS12NF30L_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STS12NF30L
Revision history
11/12
5
Revision history
Table 7.
Revision history
Date
Revision
Changes
09-Sep-2004
6
Complete version
17-Aug-2006
7
New template, no content change
31-Jan-2007
8
Typo mistake on Table 1.


Similar Part No. - STS12NF30L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
More results

Similar Description - STS12NF30L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
   N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
STSJ50NH3LL STMICROELECTRONICS-STSJ50NH3LL Datasheet
683Kb / 13P
   N-channel 30V - 0.008ohm - 12A - PowerSO-8 Ultra low gate charge STripFET Power MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS8NF30L STMICROELECTRONICS-STS8NF30L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
   N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com